Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2-LPS Datasheet(PDF) 27 Page - STMicroelectronics

Part # S2-LPS
Description  Ultra-low power, high performance, sub-1 GHz transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPS Datasheet(HTML) 27 Page - STMicroelectronics

Back Button S2-LPS Datasheet HTML 23Page - STMicroelectronics S2-LPS Datasheet HTML 24Page - STMicroelectronics S2-LPS Datasheet HTML 25Page - STMicroelectronics S2-LPS Datasheet HTML 26Page - STMicroelectronics S2-LPS Datasheet HTML 27Page - STMicroelectronics S2-LPS Datasheet HTML 28Page - STMicroelectronics S2-LPS Datasheet HTML 29Page - STMicroelectronics S2-LPS Datasheet HTML 30Page - STMicroelectronics S2-LPS Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 73 page
background image
4.4.5.2
Automatic gain control
The automatic gain control (AGC for short) algorithm is designed to keep the signal amplitude at the input of the
IF ADC within a specific range by controlling the gain of the RF chain in 6 dB steps, up to a maximum attenuation
of 48 dB, starting at a received signal power of about -50 dBm.
From an implementation point of view, the (peak) signal amplitude is measured in the digital domain after the
primary decimation filters chain and compared to a low threshold and to a high threshold. If the amplitude is
above the high threshold, the attenuation is increased sequentially until the amplitude goes below the threshold; if
the amplitude is below the low threshold, the attenuation is decreased sequentially until the amplitude goes above
the threshold.
The AGC algorithm is controlled by the following parameters:
High threshold: this value sets the digital signal level above which the RF attenuation is increased (AGCCTRL1
register, allowed values 0...15). The recommended setting for such parameter is 0x5.
Low thresholds: this allows a better tuning of the low thresholds in case the analog attenuation steps
have a significant spread around the nominal 6 dB attenuation. The threshold actually used for each step
is selected through the bits of the LOW_THRESHOLD_SEL (AGCCTRL3) register. The recommended setting
for Low Threshold 0 is 0x5, recommended setting for Low Threshold 1 is 0x4. The recommended value for
LOW_THRESHOLD_SEL is 0x10.
Measure time: this parameter sets the measurement interval during which the signal level is monitored before
the AGC attenuation is decreased. In particular, if the signal level is below the low threshold for all the duration of
such period, then the attenuation is decreased.
The actual time is
TAGC meas= 12fdig∙2MEAS_TIME,rangingfromabout0.5µstoabout15ms.
For frequency modulation, the measurement time is normally set to a few µs in order to achieve fast settling of the
algorithm.
For amplitude, to avoid an unstable behavior, the measure time must be larger than the duration of the longest
train of ‘0’ symbols expected during the preamble/synchronization word.
The default value for such parameter is 0x2.
Hold time: this parameter sets a wait time for the algorithm to let the signal level to settle after a change in the
attenuation level.
The actual time is
TAGC ℎold= 12fdig∙HOLD_TIME,rangingfromabout0.5µstoabout32µs.
The recommended setting for such parameter is 0x0C.
AGC enable: enables the AGC algorithm.
Freeze on sync: freeze the AGC level after when the sync word has been received.
The AGC algorithm works in the following way:
If the amplitude is above the high threshold, the attenuation is increased sequentially until the amplitude
goes below the threshold. In this case the Tmeas is set to 0 and only the hold time is used. Thus, if the signal
is above the high threshold, the AGC word is changed each Thold seconds.
If the amplitude is below the low threshold, the attenuation is decreased sequentially until the amplitude
goes above the threshold. In this case the Tmeas is set to the value: Thold = (12*2MEAS_TIME)/fdig. Thus, if
the signal is below the low threshold, the AGC word is changed each Tmeas + Thold seconds.
The two operations are repeated in a loop until the input signal strength is between the high and the low
threshold.
4.4.5.3
Symbol timing recovery
The S2-LPS supports two different algorithms for the timing recovery. The selection of the algorithm is done with
the register CLOCK_REC_ALGO_SEL.
If CLOCK_REC_ALGO_SEL = 0, then a simple first order algorithm is used (shortly referred to as DLL).
If CLOCK_REC_ALGO_SEL = 1, then a second order algorithm is used (shortly referred to as PLL).
Besides the configuration parameters mentioned above, the setting of the following registers also affects the
behavior of the clock recovery algorithms.
Post-filter length: this parameter controls the length of the demodulator post-filter (CLOCKREC register).
Setting this value to 1B may improve demodulation performance but requires a slower recovery. The
recommended value for such parameter is 0B.
S2-LPS
Digital modulator
DS13831 - Rev 1
page 27/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com