Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R46 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT46R46
Description  Cost-Effective A/D Type 8-Bit MCU
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R46 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT46R46_08 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 77 page
background image
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾
fSYS=4MHz
2.2
¾
5.5
V
¾
fSYS=8MHz
3.3
¾
5.5
V
IDD1
Operating Current
(Crystal OSC)
3V
No load, fSYS=4MHz
ADC disable
¾
0.6
1.5
mA
5V
¾
24
mA
IDD2
Operating Current
(RC OSC)
3V
No load, fSYS=4MHz
ADC disable
¾
0.8
1.5
mA
5V
¾
2.5
4
mA
IDD3
Operating Current
(Crystal OSC, RC OSC)
5V
No load, fSYS=8MHz
ADC disable
¾
48
mA
ISTB1
Standby Current
(WDT Enabled)
3V
No load,
system HALT
¾¾
5
mA
5V
¾¾
10
mA
ISTB2
Standby Current
(WDT Disabled)
3V
No load,
system HALT
¾¾
1
mA
5V
¾¾
2
mA
VIL1
Input Low Voltage for I/O Ports,
TMR and INT
¾¾
0
¾
0.3VDD
V
VIH1
Input High Voltage for I/O Ports,
TMR and INT
¾¾
0.7VDD
¾
VDD
V
VIL2
Input Low Voltage (RES)
¾¾
0
¾
0.4VDD
V
VIH2
Input High Voltage (RES)
¾¾
0.9VDD
¾
VDD
V
VLVR
Low Voltage Reset
¾¾
2.7
3.0
3.3
V
IOL
I/O Port Sink Current
3V
VOL=0.1VDD
48
¾
mA
5V
VOL=0.1VDD
10
20
¾
mA
IOH
I/O Port Source Current
3V
VOH=0.9VDD
-2
-4
¾
mA
5V
VOH=0.9VDD
-5
-10
¾
mA
RPH
Pull-high Resistance
3V
¾
20
60
100
k
W
5V
¾
10
30
50
k
W
VAD
A/D Input Voltage
¾¾
0
¾
VDD
V
EAD
A/D Conversion Error
¾¾
¾
±0.5
±1
LSB
IADC
Additional Power Consumption
if A/D Converter is Used
3V
¾
¾
0.5
1
mA
5V
¾
1.5
3
mA
HT46R46/C46/R47/C47/R48A/C48A/R49
Rev. 1.30
6
June 5, 2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com