Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R46 Datasheet(PDF) 33 Page - Holtek Semiconductor Inc

Part # HT46R46
Description  Cost-Effective A/D Type 8-Bit MCU
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R46 Datasheet(HTML) 33 Page - Holtek Semiconductor Inc

Back Button HT46R46_08 Datasheet HTML 29Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 30Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 31Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 32Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 33Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 34Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 35Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 36Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 37Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 77 page
background image
HT46R46/C46/R47/C47/R48A/C48A/R49
Rev. 1.30
33
June 5, 2008
A/D Transfer Function
As the HT46R46 device contain an 8-bit A/D converter,
their full-scale converted digitized value is equal to
0FFH. Since the full-scale analog input value is equal to
the voltage, this gives a single bit analog input value of
VDD/256. For the other devices which each contain a
9-bit A/D converter, their full-scale converted digitised
value is equal to 1FFH giving a single bit analog input
value of VDD/512. The following graphs show the ideal
transfer function between the analog input value and the
digitised output value for the A/D converters.
Note that to reduce the quantisation error, a 0.5 LSB off-
set is added to the A/D Converter input. Except for the
digitised zero value, the subsequent digitised values will
change at a point 0.5 LSB below where they would
change without the offset, and the last full scale digitised
value will change at a point 1.5 LSB below the VDD level.
1 F E H
(
)
A / D C o n v e r s i o n
R e s u l t
1 F F H
1 F D H
0 3 H
0 2 H
0 1 H
0 . 5 L S B
0
1
2
3
5 0 9
5 1 0
5 1 1
5 1 2
A n a l o g I n p u t V o l t a g e
1 . 5 L S B
V D D
5 1 2
Ideal A/D Transfer Function - Other Devices
F E H
(
)
A / D C o n v e r s i o n
R e s u l t
F F H
F D H
0 3 H
0 2 H
0 1 H
0 . 5 L S B
0
1
2
3
2 5 3
2 5 4
2 5 5
2 5 6
A n a l o g I n p u t V o l t a g e
1 . 5 L S B
V D D
2 5 6
Ideal A/D Transfer Function - HT46R46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com