Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R46 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT46R46
Description  Cost-Effective A/D Type 8-Bit MCU
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R46 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT46R46_08 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 77 page
background image
HT46R46/C46/R47/C47/R48A/C48A/R49
Rev. 1.30
11
June 5, 2008
Look-up Table
Any location within the Program Memory can be defined
as a look-up table where programmers can store fixed
data. To use the look-up table, the table pointer must
first be setup by placing the lower order address of the
look up data to be retrieved in the table pointer register,
TBLP. This register defines the lower 8-bit address of
the look-up table.
After setting up the table pointer, the table data can be
retrieved from the current Program Memory page or last
Program Memory page using the
²TABRDC[m]² or
²TABRDL [m]² instructions, respectively. When these in-
structions are executed, the lower order table byte from
the Program Memory will be transferred to the user de-
fined Data Memory register [m] as specified in the in-
struction. The higher order table data byte from the
Program Memory will be transferred to the TBLH special
register. Any unused bits in this transferred higher order
byte will be read as
²0².
The following diagram illustrates the addressing/data
flow of the look-up table:
Table Program Example
The following example shows how the table pointer and
table data is defined and retrieved from the HT46R47
microcontroller. This example uses raw table data lo-
cated in the last page which is stored there using the
ORG statement. The value at this ORG statement is
²700H² which refers to the start address of the last page
within the 2K Program Memory of the HT46R47
microcontroller. The table pointer is setup here to have
an initial value of
²06H². This will ensure that the first
data read from the data table will be at the Program
Memory address
²706H² or 6 locations after the start of
the last page. Note that the value for the table pointer is
referenced to the first address of the present page if the
²TABRDC [m]² instruction is being used. The high byte
of the table data which in this case is equal to zero will
be transferred to the TBLH register automatically when
the
²TABRDL [m]² instruction is executed.
3 F F H
N o t I m p l e m e n t e d
1 5 b i t s
1 4 b i t s
1 4 b i t s
8 0 0 H
F F F H
0 1 4 H
I n i t i a l i s a t i o n
V e c t o r
E x t e r n a l
I n t e r r u p t V e c t o r
I n i t i a l i s a t i o n
V e c t o r
E x t e r n a l
I n t e r r u p t V e c t o r
T i m e r / E v e n t C o u n t e r
I n t e r r u p t V e c t o r
I n i t i a l i s a t i o n
V e c t o r
E x t e r n a l
I n t e r r u p t V e c t o r
T i m e r / E v e n t C o u n t e r
I n t e r r u p t V e c t o r
H T 4 6 R 4 7
H T 4 6 R 4 8 A
H T 4 6 R 4 9
H T 4 6 R 4 6
A / D C o n v e r t e r
I n t e r r u p t V e c t o r
A / D C o n v e r t e r
I n t e r r u p t V e c t o r
A / D C o n v e r t e r
I n t e r r u p t V e c t o r
T i m e r / E v e n t C o u n t e r
I n t e r r u p t V e c t o r
0 0 0 H
0 0 4 H
0 0 8 H
0 0 C H
0 1 0 H
3 0 0 H
7 F F H
4 0 0 H
Program Memory Structure
P r o g r a m
M e m o r y
P r o g r a m C o u n t e r
H i g h B y t e
T B L P
T B L H
S p e c i f i e d b y [ m ]
T a b l e C o n t e n t s H i g h B y t e
T a b l e C o n t e n t s L o w B y t e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com