Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R46 Datasheet(PDF) 74 Page - Holtek Semiconductor Inc

Part # HT46R46
Description  Cost-Effective A/D Type 8-Bit MCU
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R46 Datasheet(HTML) 74 Page - Holtek Semiconductor Inc

Back Button HT46R46_08 Datasheet HTML 69Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 70Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 71Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 72Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 73Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 74Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 75Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 76Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 77Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 74 / 77 page
background image
SOP 20W
Symbol
Description
Dimensions in mm
W
Carrier Tape Width
24+0.3
-0.1
P
Cavity Pitch
12
±0.1
E
Perforation Position
1.75
±0.1
F
Cavity to Perforation (Width Direction)
11.5
±0.1
D
Perforation Diameter
1.5+0.1
D1
Cavity Hole Diameter
1.5+0.25
P0
Perforation Pitch
4
±0.1
P1
Cavity to Perforation (Length Direction)
2
±0.1
A0
Cavity Length
10.8
±0.1
B0
Cavity Width
13.3
±0.1
K0
Cavity Depth
3.2
±0.1
t
Carrier Tape Thickness
0.3
±0.05
C
Cover Tape Width
21.3
SSOP 20S (150mil)
Symbol
Description
Dimensions in mm
W
Carrier Tape Width
16.0+0.3
-0.1
P
Cavity Pitch
8.0
±0.1
E
Perforation Position
1.75
±0.1
F
Cavity to Perforation (Width Direction)
7.5
±0.1
D
Perforation Diameter
1.5+0.1
D1
Cavity Hole Diameter
1.5+0.25
P0
Perforation Pitch
4.0
±0.1
P1
Cavity to Perforation (Length Direction)
2.0
±0.1
A0
Cavity Length
6.5
±0.1
B0
Cavity Width
9.0
±0.1
K0
Cavity Depth
2.3
±0.1
t
Carrier Tape Thickness
0.30
±0.05
C
Cover Tape Width
13.3
HT46R46/C46/R47/C47/R48A/C48A/R49
Rev. 1.30
74
June 5, 2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com