Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R46 Datasheet(PDF) 38 Page - Holtek Semiconductor Inc

Part # HT46R46
Description  Cost-Effective A/D Type 8-Bit MCU
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R46 Datasheet(HTML) 38 Page - Holtek Semiconductor Inc

Back Button HT46R46_08 Datasheet HTML 34Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 35Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 36Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 37Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 38Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 39Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 40Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 41Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 42Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 77 page
background image
HT46R46/C46/R47/C47/R48A/C48A/R49
Rev. 1.30
38
June 5, 2008
HT46R46
Register
Reset
(Power-on)
RES or LVR
Reset
WDT Time-out
(Normal Operation)
WDT Time-out
(HALT)
MP
1xxx xxxx
1uuu uuuu
1uuu uuuu
1uuu uuuu
ACC
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
PCL
0000 0000
0000 0000
0000 0000
0000 0000
TBLP
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLH
-- xx xxxx
-- uu uuuu
-- uu uuuu
-- uu uuuu
STATUS
-- 00 xxxx
-- uu uuuu
-- 1u uuuu
-- 11 uuuu
INTC
- 000 0000
- 000 0000
- 000 0000
- uuu uuuu
TMR
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMRC
00
- 0 1000
00
- 0 1000
00
- 0 1000
uu
- u uuuu
PA
1111 1111
1111 1111
1111 1111
uuuu uuuu
PAC
1111 1111
1111 1111
1111 1111
uuuu uuuu
PB
- - - - 1111
- - - - 1111
- - - - 1111
- - - - uuuu
PBC
- - - - 1111
- - - - 1111
- - - - 1111
- - - - uuuu
PD
--- - --- 1
--- - --- 1
--- - --- 1
--- - --- u
PDC
--- - --- 1
--- - --- 1
--- - --- 1
--- - --- u
PWM
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
ADR
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
ADCR
0100 0000
0100 0000
0100 0000
uuuu uuuu
ACSR
1
- - - - - 00
1
- - - - - 00
1
- - - - - 00
u
- - - - - uu
²u² stands for unchanged
²x² stands for unknown
²-² stands for unimplemented



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com