Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP2HDUACP2 Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # CDP2HDUACP2
Description  USB C Multiport Adapter, USB-C to HDMI 4K Video, 100W PD Pass-Through, USB 3.0 Hub 5Gbps (1xType-C/1xA), USB-C Mini Dock, USB-C Travel Dock, Portable Laptop Docking Station
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

CDP2HDUACP2 Datasheet(HTML) 3 Page - StarTech.com Ltd.

  CDP2HDUACP2 Datasheet HTML 1Page - StarTech.com Ltd. CDP2HDUACP2 Datasheet HTML 2Page - StarTech.com Ltd. CDP2HDUACP2 Datasheet HTML 3Page - StarTech.com Ltd. CDP2HDUACP2 Datasheet HTML 4Page - StarTech.com Ltd. CDP2HDUACP2 Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
• WIDE DEVICE COMPATIBILITY: Compatible with USB-C laptops, tablets, phones ultrabooks & Chromebooks, plus
Thunderbolt 3 & 4 laptops like MacBook Pro/Air, HP EliteBook, Dell XPS/Latitude, Lenovo Thinkpad X1 & Surface
Laptop 3/Book 3
• EASY DEPLOYMENT: USB Type-C multiport adapter hub w/ automatic driver installation & supports Windows,
macOS, Chrome OS, Linux and Android; Auto driver setup
• CONNECTIVITY TOOLS: Provided with this device, the application improves performance and security, featuring
USB Event Monitoring and Windows Layout utilities
Hardware
Warranty
3 Years
4K Support
Yes
Displays Supported
1
Bus Type
USB-C
Industry Standards
USB 3.0 - Backward compatible with USB 2.0 and 1.1
HDMI 1.4
Chipset ID
VIA/VLI - VL817
VIA/VLI - VL103
Parade - PS176
Performance
Maximum Data Transfer
Rate
5 Gbps (USB 3.0)
Maximum Digital
Resolutions
4096 x 2160p @ 24Hz
3840 x 2160p @ 30Hz
3440 x 1440 @ 60Hz
1920 x 1080 @ 120Hz
Lower resolutions are also supported.
Type and Rate
USB 3.0 - 5 Gbit/s
Connector(s)
Connector Type(s)
1 - USB 3.2 Type-C (24 pin, Gen 1, 5Gbps)
1 - USB Type-C (24 pin) USB Power Delivery Only



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com