Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP2HDUACP2 Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # CDP2HDUACP2
Description  USB C Multiport Adapter, USB-C to HDMI 4K Video, 100W PD Pass-Through, USB 3.0 Hub 5Gbps (1xType-C/1xA), USB-C Mini Dock, USB-C Travel Dock, Portable Laptop Docking Station
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

CDP2HDUACP2 Datasheet(HTML) 2 Page - StarTech.com Ltd.

  CDP2HDUACP2 Datasheet HTML 1Page - StarTech.com Ltd. CDP2HDUACP2 Datasheet HTML 2Page - StarTech.com Ltd. CDP2HDUACP2 Datasheet HTML 3Page - StarTech.com Ltd. CDP2HDUACP2 Datasheet HTML 4Page - StarTech.com Ltd. CDP2HDUACP2 Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Note: The adapter will not be as effective at charging downstream devices, when a USB-C power adapter is not
connected.
Developed to improve performance and security, StarTech.com Connectivity Tools is the only software suite on the
market that works with a wide range of IT connectivity accessories. The software suite includes:
Advanced Windows Layout Utility: To setup and save custom windows layouts.
USB Event Monitoring Utility: To track and log connected USB devices
For more information and to download the StarTech.com Connectivity Tools application, please visit:
CDP2HDUACP2 is backed by a 3-year StarTech.com warranty, and free lifetime multilingual, North American based
technical support.
Certifications, Reports and Compatibility
Applications
• Fits easily into your laptop bag, making it ideal for on-the-go use as a travel accessory
• Provides a high-resolution 4K screen to maximize your productivity when multi-tasking using an HDMI desktop
monitor
• Connect to an HDMI projector or TV in a boardroom or other meeting space, to deliver presentations on a shared
screen
Features
• 3-IN-1 MULTIPORT ADAPTER: USB C mini docking station with HDMI 4K 30Hz output, USB-A (USB 3.1 Gen 1
5Gbps & BC 1.2 charging), 1x USB-C (5Gbps Data + 100W Power Delivery 3.0); Works w/ HDMI ultra-wide
monitors/displays (3440x1440)
• EXTRA LONG CABLE: USB-C adapter with 13in (34cm) attached cable for extended reach to reduce
port/connector strain on 2-in-1 devices like Surface Pro (7+) and laptops on riser stands Compact, portable design
for on-the-go use with travel accessories
• RELIABLE PERFORMANCE: USB bus powered or via external USB-C power adapter; 100W Power Delivery 3.0
pass through w/ 8W reserved for adapter to avoid video flickering, device dropouts or overdrawing power common in
other hubs; up to 92W for laptop charging



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com