Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP2HDUACP2 Datasheet(PDF) 4 Page - StarTech.com Ltd.

Part # CDP2HDUACP2
Description  USB C Multiport Adapter, USB-C to HDMI 4K Video, 100W PD Pass-Through, USB 3.0 Hub 5Gbps (1xType-C/1xA), USB-C Mini Dock, USB-C Travel Dock, Portable Laptop Docking Station
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

CDP2HDUACP2 Datasheet(HTML) 4 Page - StarTech.com Ltd.

  CDP2HDUACP2 Datasheet HTML 1Page - StarTech.com Ltd. CDP2HDUACP2 Datasheet HTML 2Page - StarTech.com Ltd. CDP2HDUACP2 Datasheet HTML 3Page - StarTech.com Ltd. CDP2HDUACP2 Datasheet HTML 4Page - StarTech.com Ltd. CDP2HDUACP2 Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1 - HDMI (19 pin)
1 - USB Type-A (9 pin, 5 Gbps)
Special Notes /
Requirements
System and Cable
Requirements
A host laptop with an available USB-C port (to ensure full
adapter functionality, the host USB-C port must support USB
Power Delivery and DP alt mode).
Optional: USB-C power adapter (for example, your laptop’s
USB-C based power adapter).
Note
Not all USB-C ports support the full functionality of the USB
Type-C standard. Ensure that your host USB-C port supports
USB Power Delivery and DP alt mode.
The adapter can connect to a host laptop's USB-C port that
doesn't support USB Power Delivery. However, in this
configuration if a power adapter is connected to the multifunction
adapter, it will not pass power through to your host laptop.
A 4K-capable display is required to achieve 3840 x 2160p
resolution (4K is also known as 4K x 2K).
USB 3.0 is also known as USB 3.1 Gen 1, and 3.2 Gen 1; this
connectivity standard offers speeds up to 5Gbps.
Power
Power Source
Bus Powered and Host USB-C Power Adapter
Power Delivery
100W
Power Consumption (In
Watts)
8W
Environmental
Operating Temperature
0C to 45C (32F to 113F)
Storage Temperature
-10C to 70C (14F to 158F)
Humidity
10~85% RH (Non-condensing)
Physical
Characteristics
Color
Gray
Material
Plastic
Cable Length
13.4 in [34 cm]



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com