Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP2HDUACP2 Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # CDP2HDUACP2
Description  USB C Multiport Adapter, USB-C to HDMI 4K Video, 100W PD Pass-Through, USB 3.0 Hub 5Gbps (1xType-C/1xA), USB-C Mini Dock, USB-C Travel Dock, Portable Laptop Docking Station
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

CDP2HDUACP2 Datasheet(HTML) 1 Page - StarTech.com Ltd.

  CDP2HDUACP2 Datasheet HTML 1Page - StarTech.com Ltd. CDP2HDUACP2 Datasheet HTML 2Page - StarTech.com Ltd. CDP2HDUACP2 Datasheet HTML 3Page - StarTech.com Ltd. CDP2HDUACP2 Datasheet HTML 4Page - StarTech.com Ltd. CDP2HDUACP2 Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
USB C Multiport Adapter, USB-C to HDMI 4K Video, 100W PD Pass-Through, USB 3.0 Hub 5Gbps
(1xType-C/1xA), USB-C Mini Dock, USB-C Travel Dock, Portable Laptop Docking Station
Product ID: CDP2HDUACP2
This USB-C multiport adapter with HDMI lets you add vital connections to your laptop with a single USB-C port. The
USB C mini docking station features automatic driver installation and supports Windows, macOS, Chrome OS, Linux
and Android, providing a portable connectivity solution for your USB-C laptop, tablet, phone, Ultrabook or
Chromebook. The multiport adapter is also compatible with Thunderbolt 3, and Thunderbolt 4 laptops like MacBook
Pro/Air, HP EliteBook, Dell XPS/Latitude, Lenovo Thinkpad X1 & Surface Laptop 3/Book 3.
The USB-C mini docking station features an HDMI output that supports video resolutions up to 4K 30Hz, providing a
high-resolution screen to maximize your productivity when multi-tasking using an HDMI desktop monitor (3440x1440
ultra-wide monitors/displays supported). You can also connect to an HDMI projector or TV in a boardroom or other
meeting space, to deliver presentations on a shared screen.
Other output ports included on the adapter are a USB-A port (USB 3.2 Gen 1 5Gbps & BC 1.2 charging) for
connecting and charging devices, and a USB-C (5Gbps Data + 100W Power Delivery 3.0) for charging your laptop or
connecting to a downstream USB-C peripheral device.
The USB-C adapter has a 13 in. (34 cm) attached cable that provides extended reach that reduces port/connector
strains when connected to 2-in-1 devices like Surface Pro (7+), and on laptops that are resting on riser stands. The
adapter also features a compact, portable design that fits easily into your laptop bag, making it ideal for on-the-go use
as travel accessory with your laptop and other portable devices.
To provide power flexibility in different applications, the USB-C multiport adapter can operate using bus power alone,
or it can be connected to an external USB-C power adapter up to 100W.
The adapter features 100W Power Delivery 3.0 pass through, enabling you to charge your laptop and connected
devices. When connected to a power adapter up to 92W of power are available for charging, while 8W of power are
reserved for the USB-C multiport adapter, this power reserve avoids video flickering and device dropouts, caused by
overdrawing power, common in other hubs, ensuring this adapter provides high-performance operation, while reliably
charging your devices. When a power adapter isn't connected, this adapter operates using USB bus power, and the
USB-C port where you connect your power adapter turns into a downstream 5Gbps USB Type-C port for connecting
USB-C peripheral devices.


Similar Part No. - CDP2HDUACP2

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
CDP2HD STARTECH-CDP2HD Datasheet
139Kb / 4P
USB-C to HDMI Adapter
CDP2HDMM1MH STARTECH-CDP2HDMM1MH Datasheet
98Kb / 4P
3ft (1m) USB C to HDMI Cable 4K 60Hz w/ HDR10 - Ultra HD USB Type-C to 4K HDMI 2.0b Video Adapter Cable - USB-C to HDMI HDR Monitor/Display Converter - DP 1.4 Alt Mode HBR3
CDP2HDMM2MH STARTECH-CDP2HDMM2MH Datasheet
69Kb / 4P
6ft (2m) USB C to HDMI Cable 4K 60Hz w/ HDR10 - Ultra HD USB Type-C to 4K HDMI 2.0b Video Adapter Cable - USB-C to HDMI HDR Monitor/Display Converter - DP 1.4 Alt Mode HBR3
CDP2HDMM3MH STARTECH-CDP2HDMM3MH Datasheet
98Kb / 4P
9.8ft (3m) USB C to HDMI Cable 4K 60Hz w/HDR10 - Ultra HD USB Type-C to 4K HDMI 2.0b Video Adapter Cable - USB-C to HDMI HDR Monitor/Display Converter - DP 1.4 Alt Mode HBR3
CDP2HDMM4MH STARTECH-CDP2HDMM4MH Datasheet
98Kb / 4P
13ft (4m) USB C to HDMI Cable 4K 60Hz w/ HDR10 - Ultra HD USB Type-C to 4K HDMI 2.0b Video Adapter Cable - USB-C to HDMI HDR Monitor/Display Converter - DP 1.4 Alt Mode HBR3
More results

Similar Description - CDP2HDUACP2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC000996 ETC2-MC000996 Datasheet
219Kb / 1P
USB C to USB C Cable
logo
Tripp Lite. All Rights ...
U442-DOCK5-GY TRIPPLITE-U442-DOCK5-GY Datasheet
167Kb / 4P
USB-C Portable Docking Station - HDMI 4K @ 30Hz, USB-A/C, GbE, SD/Micro SD, PD Charging 3.0, Gray
U442-DOCK6-GY TRIPPLITE-U442-DOCK6-GY Datasheet
165Kb / 4P
USB-C Portable Docking Station - HDMI 4K @ 30Hz, VGA, USB-A/USB-C, GbE, PD Charging 3.0, Gray
U442-DOCK3-B TRIPPLITE-U442-DOCK3-B Datasheet
164Kb / 4P
USB-C Laptop Docking Station - HDMI, VGA, GbE, 4K @ 30 Hz, Thunderbolt 3, USB-A, USB-C, PD Charging 3.0, Black
U442-DOCK4-S TRIPPLITE-U442-DOCK4-S Datasheet
168Kb / 4P
USB Type-C Docking Station, HDMI, VGA, DisplayPort, USB-A/C, GbE, 100W PD Charging, 4K @ 30 Hz, Thunderbolt 3, Silver
U442-DOCK5D-GY TRIPPLITE-U442-DOCK5D-GY Datasheet
167Kb / 4P
USB-C Docking Station - HDMI 4K @ 30 Hz, USB-AC, GbE, SD/Micro SD, PD Charging 3.0, USB-C Cable, Gray
U442-DOCK17-GY TRIPPLITE-U442-DOCK17-GY Datasheet
199Kb / 4P
USB-C Dock, Single Display - 4K HDMI, USB 3.2 Gen 1, USB-A/USB-C Hub, SATA III, 100W PD Charging, Gray
U442-DOCK8-GG TRIPPLITE-U442-DOCK8-GG Datasheet
176Kb / 4P
USB-C Dock, Dual Display - 4K 60 Hz HDMI, USB 3.2 Gen 1, USB-A Hub, Memory Card, 100W PD Charging, Gray
U442-DOCK8G-GG TRIPPLITE-U442-DOCK8G-GG Datasheet
179Kb / 5P
USB-C Dock, Dual Display - 4K 60 Hz HDMI, USB 3.2 Gen 1, USB-A Hub, GbE, Memory Card, 100W PD Charging, Gray
U442-DOCK8-BINT TRIPPLITE-U442-DOCK8-BINT Datasheet
55Kb / 6P
USB-C Dock, Triple Display - 4K 60 Hz HDMI/DisplayPort, USB 3.2 Gen 2, USB-A/USB-C Hub, GbE, 85W PD Charging, EU/UK Power Adapters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com