Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP2HDUACP2 Datasheet (PDF) - StarTech.com Ltd.

CDP2HDUACP2 Datasheet PDF - StarTech.com Ltd.
Part # CDP2HDUACP2
Download  CDP2HDUACP2 Download
File Size   88.15 Kbytes
Page   5 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description USB C Multiport Adapter, USB-C to HDMI 4K Video, 100W PD Pass-Through, USB 3.0 Hub 5Gbps (1xType-C/1xA), USB-C Mini Dock, USB-C Travel Dock, Portable Laptop Docking Station

CDP2HDUACP2 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDP2HDUACP2 Datasheet PDF - StarTech.com Ltd.

Part # CDP2HDUACP2
Download  CDP2HDUACP2 Click to download

File Size   88.15 Kbytes
Page   5 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description USB C Multiport Adapter, USB-C to HDMI 4K Video, 100W PD Pass-Through, USB 3.0 Hub 5Gbps (1xType-C/1xA), USB-C Mini Dock, USB-C Travel Dock, Portable Laptop Docking Station

CDP2HDUACP2 Datasheet (HTML) - StarTech.com Ltd.


CDP2HDUACP2 Product details

Applications
• Fits easily into your laptop bag, making it ideal for on-the-go use as a travel accessory
• Provides a high-resolution 4K screen to maximize your productivity when multi-tasking using an HDMI desktop
monitor
• Connect to an HDMI projector or TV in a boardroom or other meeting space, to deliver presentations on a shared
screen

Features
• 3-IN-1 MULTIPORT ADAPTER: USB C mini docking station with HDMI 4K 30Hz output, USB-A (USB 3.1 Gen 1
5Gbps & BC 1.2 charging), 1x USB-C (5Gbps Data + 100W Power Delivery 3.0); Works w/ HDMI ultra-wide
monitors/displays (3440x1440)
• EXTRA LONG CABLE: USB-C adapter with 13in (34cm) attached cable for extended reach to reduce
port/connector strain on 2-in-1 devices like Surface Pro (7+) and laptops on riser stands Compact, portable design
for on-the-go use with travel accessories
• RELIABLE PERFORMANCE: USB bus powered or via external USB-C power adapter; 100W Power Delivery 3.0
pass through w/ 8W reserved for adapter to avoid video flickering, device dropouts or overdrawing power common in
other hubs; up to 92W for laptop charging




Similar Part No. - CDP2HDUACP2

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
CDP2HD STARTECH-CDP2HD Datasheet
139Kb / 4P
USB-C to HDMI Adapter
CDP2HDMM1MH STARTECH-CDP2HDMM1MH Datasheet
98Kb / 4P
3ft (1m) USB C to HDMI Cable 4K 60Hz w/ HDR10 - Ultra HD USB Type-C to 4K HDMI 2.0b Video Adapter Cable - USB-C to HDMI HDR Monitor/Display Converter - DP 1.4 Alt Mode HBR3
CDP2HDMM2MH STARTECH-CDP2HDMM2MH Datasheet
69Kb / 4P
6ft (2m) USB C to HDMI Cable 4K 60Hz w/ HDR10 - Ultra HD USB Type-C to 4K HDMI 2.0b Video Adapter Cable - USB-C to HDMI HDR Monitor/Display Converter - DP 1.4 Alt Mode HBR3
CDP2HDMM3MH STARTECH-CDP2HDMM3MH Datasheet
98Kb / 4P
9.8ft (3m) USB C to HDMI Cable 4K 60Hz w/HDR10 - Ultra HD USB Type-C to 4K HDMI 2.0b Video Adapter Cable - USB-C to HDMI HDR Monitor/Display Converter - DP 1.4 Alt Mode HBR3
CDP2HDMM4MH STARTECH-CDP2HDMM4MH Datasheet
98Kb / 4P
13ft (4m) USB C to HDMI Cable 4K 60Hz w/ HDR10 - Ultra HD USB Type-C to 4K HDMI 2.0b Video Adapter Cable - USB-C to HDMI HDR Monitor/Display Converter - DP 1.4 Alt Mode HBR3
More results


Similar Description - CDP2HDUACP2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC000996 ETC2-MC000996 Datasheet
219Kb / 1P
USB C to USB C Cable
logo
Tripp Lite. All Rights ...
U442-DOCK5-GY TRIPPLITE-U442-DOCK5-GY Datasheet
167Kb / 4P
USB-C Portable Docking Station - HDMI 4K @ 30Hz, USB-A/C, GbE, SD/Micro SD, PD Charging 3.0, Gray
U442-DOCK6-GY TRIPPLITE-U442-DOCK6-GY Datasheet
165Kb / 4P
USB-C Portable Docking Station - HDMI 4K @ 30Hz, VGA, USB-A/USB-C, GbE, PD Charging 3.0, Gray
U442-DOCK3-B TRIPPLITE-U442-DOCK3-B Datasheet
164Kb / 4P
USB-C Laptop Docking Station - HDMI, VGA, GbE, 4K @ 30 Hz, Thunderbolt 3, USB-A, USB-C, PD Charging 3.0, Black
U442-DOCK4-S TRIPPLITE-U442-DOCK4-S Datasheet
168Kb / 4P
USB Type-C Docking Station, HDMI, VGA, DisplayPort, USB-A/C, GbE, 100W PD Charging, 4K @ 30 Hz, Thunderbolt 3, Silver
U442-DOCK5D-GY TRIPPLITE-U442-DOCK5D-GY Datasheet
167Kb / 4P
USB-C Docking Station - HDMI 4K @ 30 Hz, USB-AC, GbE, SD/Micro SD, PD Charging 3.0, USB-C Cable, Gray
U442-DOCK17-GY TRIPPLITE-U442-DOCK17-GY Datasheet
199Kb / 4P
USB-C Dock, Single Display - 4K HDMI, USB 3.2 Gen 1, USB-A/USB-C Hub, SATA III, 100W PD Charging, Gray
U442-DOCK8-GG TRIPPLITE-U442-DOCK8-GG Datasheet
176Kb / 4P
USB-C Dock, Dual Display - 4K 60 Hz HDMI, USB 3.2 Gen 1, USB-A Hub, Memory Card, 100W PD Charging, Gray
U442-DOCK8G-GG TRIPPLITE-U442-DOCK8G-GG Datasheet
179Kb / 5P
USB-C Dock, Dual Display - 4K 60 Hz HDMI, USB 3.2 Gen 1, USB-A Hub, GbE, Memory Card, 100W PD Charging, Gray
U442-DOCK8-BINT TRIPPLITE-U442-DOCK8-BINT Datasheet
55Kb / 6P
USB-C Dock, Triple Display - 4K 60 Hz HDMI/DisplayPort, USB 3.2 Gen 2, USB-A/USB-C Hub, GbE, 85W PD Charging, EU/UK Power Adapters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com