Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP2HVGUASPD Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # CDP2HVGUASPD
Description  USB C Multiport Adapter - USB-C to 4K HDMI or VGA Video with 100W Power Delivery Pass-through, 2-Port 10Gbps USB Hub, MicroSD, GbE - USB 3.1 Type-C Mini/Travel Dock
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

CDP2HVGUASPD Datasheet(HTML) 3 Page - StarTech.com Ltd.

  CDP2HVGUASPD Datasheet HTML 1Page - StarTech.com Ltd. CDP2HVGUASPD Datasheet HTML 2Page - StarTech.com Ltd. CDP2HVGUASPD Datasheet HTML 3Page - StarTech.com Ltd. CDP2HVGUASPD Datasheet HTML 4Page - StarTech.com Ltd. CDP2HVGUASPD Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
4K Support
Yes
Fast-Charge Port(s)
Yes
Displays Supported
1
Interface
USB 3.2 Gen 2 - 10 Gbit/s
Bus Type
USB-C
USB-A
USB Pass-Through
Yes
Industry Standards
1 Gigabit connectivity to any 1000BASE-T device (IEEE802.3ab
compliant)
100 Megabit connectivity to any 100BASE-TX device
(IEEE802.3u compliant)
10 Megabit connectivity to any 10BASE-T device (IEEE802.3i
compliant)
Chipset ID
Realtek - RTD2141DS
Realtek - RTS5423
Realtek - RTL8153B
Realtek - RTS5306
Performance
Maximum Analog
Resolutions
1920 x 1080p @ 60Hz
Maximum Digital
Resolutions
3840 x 2160P @ 30Hz
PXE
Yes
General Specifications
Wake-On-LAN (WoL): Yes
Presentation Mode Switch: Left Position Enables Stay Awake,
Right Position Disables Stay Awake
MTBF
307, 402
Connector(s)
External Ports
1 - VGA (14 pin, High Density D-Sub)
1 - HDMI



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com