Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP2HVGUASPD Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # CDP2HVGUASPD
Description  USB C Multiport Adapter - USB-C to 4K HDMI or VGA Video with 100W Power Delivery Pass-through, 2-Port 10Gbps USB Hub, MicroSD, GbE - USB 3.1 Type-C Mini/Travel Dock
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

CDP2HVGUASPD Datasheet(HTML) 2 Page - StarTech.com Ltd.

  CDP2HVGUASPD Datasheet HTML 1Page - StarTech.com Ltd. CDP2HVGUASPD Datasheet HTML 2Page - StarTech.com Ltd. CDP2HVGUASPD Datasheet HTML 3Page - StarTech.com Ltd. CDP2HVGUASPD Datasheet HTML 4Page - StarTech.com Ltd. CDP2HVGUASPD Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
take it with you anywhere you would use your laptop.
CDP2HVGUASPD is backed by a StarTech.com 3-year warranty and free lifetime technical support.
Note: To ensure full adapter functionality, your laptop's USB-C port must support USB Power Delivery 3.0.
Certifications, Reports and Compatibility
Applications
Features
• 7-IN-1 FUNCTIONALITY: USB-C multiport adapter with 4K 30Hz Ultra HD HDMI/1080p VGA video/display/monitor,
2-Port 10Gbps USB Hub with 1x USB-A (BC 1.2 fast charge port) and 1x USB-C (PD or data), 100W Power Delivery
pass through, microSD, Gigabit Ethernet
• PRESENTATION MODE SWITCH: When switch is enabled, the adapter prevents your computer from launching its
screen saver, going to sleep, or entering power save mode; Prevents interruptions while presenting or sharing your
screen for long periods of time
• RELIABLE PERFORMANCE: USB bus powered or via external USB-C power adapter; 100W Power Delivery 3.0
pass through w/ 15W reserved for adapter to avoid video flickering, device dropouts or overdrawing power common
in other hubs; up to 85W for laptop charging
• PORTABLE & DURABLE: This aluminum USB-C mini dock with USB 3.2 Gen 2 10Gbps Hub is lightweight for easy
on-the-go use between office, working from home, and business travel; Hideaway cable to prevent tangles &
microSD slot for mobile file storage
• WIDE COMPATIBILITY: USB Type-C multiport adapter for USB-C ultrabooks, Chromebooks, tablets like iPad Pro
and Surface Pro 7 & Thunderbolt 3 laptops like HP, Dell, Lenovo, MacBooks; Windows, macOS, iPadOS, Chrome
OS, Android; Automatic driver setup
• CONNECTIVITY TOOLS: Provided with this device, the application improves performance and security, featuring
USB Event Monitoring & Windows Layout utilities
Hardware
Warranty
3 Years



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com