Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP2HVGUASPD Datasheet(PDF) 4 Page - StarTech.com Ltd.

Part # CDP2HVGUASPD
Description  USB C Multiport Adapter - USB-C to 4K HDMI or VGA Video with 100W Power Delivery Pass-through, 2-Port 10Gbps USB Hub, MicroSD, GbE - USB 3.1 Type-C Mini/Travel Dock
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

CDP2HVGUASPD Datasheet(HTML) 4 Page - StarTech.com Ltd.

  CDP2HVGUASPD Datasheet HTML 1Page - StarTech.com Ltd. CDP2HVGUASPD Datasheet HTML 2Page - StarTech.com Ltd. CDP2HVGUASPD Datasheet HTML 3Page - StarTech.com Ltd. CDP2HVGUASPD Datasheet HTML 4Page - StarTech.com Ltd. CDP2HVGUASPD Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1 - USB 3.2 Type-A (9 pin, Gen 2, 10Gbps)
1 - USB 3.2 USB Type C (10 pin, Gen 2, 10 Gbps)
1 - MicroSD
1 - Ethernet Gigabit
Host Connectors
1 - USB 3.2 USB Type C (10 pin, Gen 2, 10 Gbps)
Software
OS Compatibility
Windows 7, 8, 8.1, 10, 11
macOS 10.9 - 10.12, 10.14 - 10.15, 11.0, 12.0
Special Notes /
Requirements
Note
Power Source Note: USB-C power adapter not included
Indicators
LED Indicators
2 - Network Indicators (RJ-45 Port): Link (Green), Activity
(Amber)
Power
Power Source
Bus Powered and Host USB-C Power Adapter
Power Delivery
100W
Laptop Charging via
Power Delivery
85W
Power Consumption (In
Watts)
15W
Environmental
Operating Temperature
0 to+70
Storage Temperature
-10 to +55
Humidity
5% to 90% RH (no condensation)
Physical
Characteristics
Color
Black & Gray
Material
Aluminum and Plastic



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com