Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP2HVGUASPD Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # CDP2HVGUASPD
Description  USB C Multiport Adapter - USB-C to 4K HDMI or VGA Video with 100W Power Delivery Pass-through, 2-Port 10Gbps USB Hub, MicroSD, GbE - USB 3.1 Type-C Mini/Travel Dock
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

CDP2HVGUASPD Datasheet(HTML) 1 Page - StarTech.com Ltd.

  CDP2HVGUASPD Datasheet HTML 1Page - StarTech.com Ltd. CDP2HVGUASPD Datasheet HTML 2Page - StarTech.com Ltd. CDP2HVGUASPD Datasheet HTML 3Page - StarTech.com Ltd. CDP2HVGUASPD Datasheet HTML 4Page - StarTech.com Ltd. CDP2HVGUASPD Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
USB C Multiport Adapter - USB-C to 4K HDMI or VGA Video with 100W Power Delivery
Pass-through, 2-Port 10Gbps USB Hub, MicroSD, GbE - USB 3.1 Type-C Mini/Travel Dock
Product ID: CDP2HVGUASPD
This USB-C multiport adapter with HDMI/VGA lets you add vital connections to your MacBook or Windows laptop,
through a single USB-C port. The adapter features a presentation mode switch, that when activated ensures the
computer will not go into sleep standby or hibernation.
For maximum productivity, connect your USB-C or Thunderbolt 3 laptop to a 4K 30Hz monitor, using this USB-C to
4K HDMI / 1080p VGA multiport adapter. You can also connect to an HDMI projector or TV in a boardroom or other
meeting space, to deliver presentations on a shared screen.
When you turn on this switch, the USB-C to HDMI adapter prevents your computer from launching its screen saver,
going to sleep, or entering power save mode while presenting. Plus, the built-in MicroSD card reader can be used as
external storage - ideal for storing & delivering presentations at boardroom/conference room meetings.
• Left Switch Position: Enables Presentation Mode
• Right Switch Position: Disables Presentation Mode
The USB-C adapter lets you power and charge your USB-C laptop during a presentation or while you're working, with
a USB-C Power Delivery port. Even if your laptop has only a single USB-C port available, you can keep your laptop
powered. Device reserves 15 watts, avoiding video flicker, device dropouts and power overdraw which is commonly
seen in other hubs with less reliable power distribution.
This USB-C multiport adapter offers a USB 3.2 Gen 2 Type-A port (10Gbps), and a USB-C 3.2 Gen 2 port that can be
used for power delivery charging, or if power delivery is not required, can be used as a 10Gbps data port for
connecting USB-C peripherals.
This USB-C multiport adapter features a memory card slot, providing fast read and write access for microSD memory
cards through USB 3.0. It's ideal for transferring photos, videos or presentations from your SD cards to your USB-C
enabled laptop or tablet.
The compact all-in-one adapter is a vital accessory for your USB-C laptop. With its small-footprint design, you can


Similar Part No. - CDP2HVGUASPD

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
CDP2HD STARTECH-CDP2HD Datasheet
139Kb / 4P
USB-C to HDMI Adapter
CDP2HDMM1MH STARTECH-CDP2HDMM1MH Datasheet
98Kb / 4P
3ft (1m) USB C to HDMI Cable 4K 60Hz w/ HDR10 - Ultra HD USB Type-C to 4K HDMI 2.0b Video Adapter Cable - USB-C to HDMI HDR Monitor/Display Converter - DP 1.4 Alt Mode HBR3
CDP2HDMM2MH STARTECH-CDP2HDMM2MH Datasheet
69Kb / 4P
6ft (2m) USB C to HDMI Cable 4K 60Hz w/ HDR10 - Ultra HD USB Type-C to 4K HDMI 2.0b Video Adapter Cable - USB-C to HDMI HDR Monitor/Display Converter - DP 1.4 Alt Mode HBR3
CDP2HDMM3MH STARTECH-CDP2HDMM3MH Datasheet
98Kb / 4P
9.8ft (3m) USB C to HDMI Cable 4K 60Hz w/HDR10 - Ultra HD USB Type-C to 4K HDMI 2.0b Video Adapter Cable - USB-C to HDMI HDR Monitor/Display Converter - DP 1.4 Alt Mode HBR3
CDP2HDMM4MH STARTECH-CDP2HDMM4MH Datasheet
98Kb / 4P
13ft (4m) USB C to HDMI Cable 4K 60Hz w/ HDR10 - Ultra HD USB Type-C to 4K HDMI 2.0b Video Adapter Cable - USB-C to HDMI HDR Monitor/Display Converter - DP 1.4 Alt Mode HBR3
More results

Similar Description - CDP2HVGUASPD

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U444-06N-DGU-C TRIPPLITE-U444-06N-DGU-C Datasheet
517Kb / 2P
USB 3.1 Gen 1 USB-C to DVI External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port
U444-06N-H4GU-C TRIPPLITE-U444-06N-H4GU-C Datasheet
518Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port, 4K x 2K
U444-06N-H4U-C TRIPPLITE-U444-06N-H4U-C Datasheet
515Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub and USB-C Charging Port, 4K x 2K
U444-06N-HGU-C TRIPPLITE-U444-06N-HGU-C Datasheet
517Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port, 1080p
U444-06N-HU-C TRIPPLITE-U444-06N-HU-C Datasheet
516Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub and USB-C Charging Port, 1080p
U444-06N-VGU-C TRIPPLITE-U444-06N-VGU-C Datasheet
516Kb / 2P
USB 3.1 Gen 1 USB-C to VGA External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port
U444-06N-VU-C TRIPPLITE-U444-06N-VU-C Datasheet
514Kb / 2P
USB 3.1 Gen 1 USB-C to VGA DisplayPort Alternate Mode External Video Adapter with USB-A Hub and USB-C Charging Port
U444-06N-H4GUSC TRIPPLITE-U444-06N-H4GUSC Datasheet
165Kb / 3P
USB 3.1 C Adapter with PD Charging - 100W, Ultra 4K HDMI, Gigabit Ethernet & USB-A Hub Port, Gray
U444-06N-HV4GUB TRIPPLITE-U444-06N-HV4GUB Datasheet
168Kb / 4P
USB 3.1 Gen 1 USB-C Adapter, 4K @ 30Hz - HDMI, VGA, USB-A Hub Port and Gigabit Ethernet, Black
U442-DOCK17-GY TRIPPLITE-U442-DOCK17-GY Datasheet
199Kb / 4P
USB-C Dock, Single Display - 4K HDMI, USB 3.2 Gen 1, USB-A/USB-C Hub, SATA III, 100W PD Charging, Gray
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com