Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP2HVGUASPD Datasheet (PDF) - StarTech.com Ltd.

CDP2HVGUASPD Datasheet PDF - StarTech.com Ltd.
Part # CDP2HVGUASPD
Download  CDP2HVGUASPD Download
File Size   121.83 Kbytes
Page   5 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description USB C Multiport Adapter - USB-C to 4K HDMI or VGA Video with 100W Power Delivery Pass-through, 2-Port 10Gbps USB Hub, MicroSD, GbE - USB 3.1 Type-C Mini/Travel Dock

CDP2HVGUASPD Datasheet (PDF)

Go To PDF Page Download Datasheet
CDP2HVGUASPD Datasheet PDF - StarTech.com Ltd.

Part # CDP2HVGUASPD
Download  CDP2HVGUASPD Click to download

File Size   121.83 Kbytes
Page   5 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description USB C Multiport Adapter - USB-C to 4K HDMI or VGA Video with 100W Power Delivery Pass-through, 2-Port 10Gbps USB Hub, MicroSD, GbE - USB 3.1 Type-C Mini/Travel Dock

CDP2HVGUASPD Datasheet (HTML) - StarTech.com Ltd.


CDP2HVGUASPD Product details

Features
• 7-IN-1 FUNCTIONALITY: USB-C multiport adapter with 4K 30Hz Ultra HD HDMI/1080p VGA video/display/monitor,
2-Port 10Gbps USB Hub with 1x USB-A (BC 1.2 fast charge port) and 1x USB-C (PD or data), 100W Power Delivery
pass through, microSD, Gigabit Ethernet
• PRESENTATION MODE SWITCH: When switch is enabled, the adapter prevents your computer from launching its
screen saver, going to sleep, or entering power save mode; Prevents interruptions while presenting or sharing your
screen for long periods of time
• RELIABLE PERFORMANCE: USB bus powered or via external USB-C power adapter; 100W Power Delivery 3.0
pass through w/ 15W reserved for adapter to avoid video flickering, device dropouts or overdrawing power common
in other hubs; up to 85W for laptop charging
• PORTABLE & DURABLE: This aluminum USB-C mini dock with USB 3.2 Gen 2 10Gbps Hub is lightweight for easy
on-the-go use between office, working from home, and business travel; Hideaway cable to prevent tangles &
microSD slot for mobile file storage
• WIDE COMPATIBILITY: USB Type-C multiport adapter for USB-C ultrabooks, Chromebooks, tablets like iPad Pro
and Surface Pro 7 & Thunderbolt 3 laptops like HP, Dell, Lenovo, MacBooks; Windows, macOS, iPadOS, Chrome
OS, Android; Automatic driver setup
• CONNECTIVITY TOOLS: Provided with this device, the application improves performance and security, featuring
USB Event Monitoring & Windows Layout utilities




Similar Part No. - CDP2HVGUASPD

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
CDP2HD STARTECH-CDP2HD Datasheet
139Kb / 4P
USB-C to HDMI Adapter
CDP2HDMM1MH STARTECH-CDP2HDMM1MH Datasheet
98Kb / 4P
3ft (1m) USB C to HDMI Cable 4K 60Hz w/ HDR10 - Ultra HD USB Type-C to 4K HDMI 2.0b Video Adapter Cable - USB-C to HDMI HDR Monitor/Display Converter - DP 1.4 Alt Mode HBR3
CDP2HDMM2MH STARTECH-CDP2HDMM2MH Datasheet
69Kb / 4P
6ft (2m) USB C to HDMI Cable 4K 60Hz w/ HDR10 - Ultra HD USB Type-C to 4K HDMI 2.0b Video Adapter Cable - USB-C to HDMI HDR Monitor/Display Converter - DP 1.4 Alt Mode HBR3
CDP2HDMM3MH STARTECH-CDP2HDMM3MH Datasheet
98Kb / 4P
9.8ft (3m) USB C to HDMI Cable 4K 60Hz w/HDR10 - Ultra HD USB Type-C to 4K HDMI 2.0b Video Adapter Cable - USB-C to HDMI HDR Monitor/Display Converter - DP 1.4 Alt Mode HBR3
CDP2HDMM4MH STARTECH-CDP2HDMM4MH Datasheet
98Kb / 4P
13ft (4m) USB C to HDMI Cable 4K 60Hz w/ HDR10 - Ultra HD USB Type-C to 4K HDMI 2.0b Video Adapter Cable - USB-C to HDMI HDR Monitor/Display Converter - DP 1.4 Alt Mode HBR3
More results


Similar Description - CDP2HVGUASPD

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U444-06N-DGU-C TRIPPLITE-U444-06N-DGU-C Datasheet
517Kb / 2P
USB 3.1 Gen 1 USB-C to DVI External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port
U444-06N-H4GU-C TRIPPLITE-U444-06N-H4GU-C Datasheet
518Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port, 4K x 2K
U444-06N-H4U-C TRIPPLITE-U444-06N-H4U-C Datasheet
515Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub and USB-C Charging Port, 4K x 2K
U444-06N-HGU-C TRIPPLITE-U444-06N-HGU-C Datasheet
517Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port, 1080p
U444-06N-HU-C TRIPPLITE-U444-06N-HU-C Datasheet
516Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub and USB-C Charging Port, 1080p
U444-06N-VGU-C TRIPPLITE-U444-06N-VGU-C Datasheet
516Kb / 2P
USB 3.1 Gen 1 USB-C to VGA External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port
U444-06N-VU-C TRIPPLITE-U444-06N-VU-C Datasheet
514Kb / 2P
USB 3.1 Gen 1 USB-C to VGA DisplayPort Alternate Mode External Video Adapter with USB-A Hub and USB-C Charging Port
U444-06N-H4GUSC TRIPPLITE-U444-06N-H4GUSC Datasheet
165Kb / 3P
USB 3.1 C Adapter with PD Charging - 100W, Ultra 4K HDMI, Gigabit Ethernet & USB-A Hub Port, Gray
U444-06N-HV4GUB TRIPPLITE-U444-06N-HV4GUB Datasheet
168Kb / 4P
USB 3.1 Gen 1 USB-C Adapter, 4K @ 30Hz - HDMI, VGA, USB-A Hub Port and Gigabit Ethernet, Black
U442-DOCK17-GY TRIPPLITE-U442-DOCK17-GY Datasheet
199Kb / 4P
USB-C Dock, Single Display - 4K HDMI, USB 3.2 Gen 1, USB-A/USB-C Hub, SATA III, 100W PD Charging, Gray
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com