Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5543 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS5543
Description  22-Bit, Multi-Channel DS ADC Chip Set
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5543 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS5543 Datasheet HTML 13Page - Cirrus Logic CS5543 Datasheet HTML 14Page - Cirrus Logic CS5543 Datasheet HTML 15Page - Cirrus Logic CS5543 Datasheet HTML 16Page - Cirrus Logic CS5543 Datasheet HTML 17Page - Cirrus Logic CS5543 Datasheet HTML 18Page - Cirrus Logic CS5543 Datasheet HTML 19Page - Cirrus Logic CS5543 Datasheet HTML 20Page - Cirrus Logic CS5543 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
CS5542 CS5543
DS109PP2
17
written with two read cycles using different com-
mands to read either the MSW (Most Significant
Word) or the LSW (Least Significant Word).
When reading or writing to the calibration regis-
ters, the register contents are time-division multi-
plexed into or out of the CS5543 in the same
manner as conversion data as shown in Figure 5.
In addition to writing or reading the calibration reg-
isters, the CS5543 provides several test modes.
Some of these test modes are as follows: The
DATAOUT [3:0] pins can be set to a high imped-
ance output state; or either of two different test pat-
terns can be requested to be output on the
DATAOUT [3:0] pins of the CS5543. See Table 4
for the test pattern information.
Commands to change calibration modes or control
modes should not be issued to the system while a
calibration is in progress. New data for the calibra-
tion or control modes is latched on every falling
edge of CLKIN and takes effect on the following
rising edge of FRAME.
Test Pattern #1:
(all channels)
Table 4. Test Patterns
Parity
MSB
SIGN
LSB
SIGN
Parity
MSB
channel 0
channel 4
Parity
MSB
SIGN
SIGN
Parity
MSB
channel 2
channel 6
Parity
MSB
SIGN
SIGN
Parity
MSB
channel 1
channel 5
Parity
MSB
SIGN
SIGN
Parity
MSB
channel 3
channel 7
DATAOUT [0]
DATAOUT [1]
DATAOUT [2]
DATAOUT [3]
OD
OD
OD
OD
LSB
LSB
LSB
LSB
LSB
LSB
LSB
OD
OD
OD
OD
Figure 5. Data Transfer Timing
HEX
BINARY
Test Pattern #1: (All channels)
A00001
0001 0000 0000 0000 0000 0001
Sign, MSB
LSB, parity
Test Pattern #2:
(Unique for each channel)
Channel
HEX
BINARY
0
1
2
3
4
5
6
7
1000A0
000A01
20A000
0A0001
450000
005001
800500
000051
0001 0000 0000 0000 0000 0001
0000 0000 0000 1010 0000 0001
0010 0000 1010 0000 0000 0000
0000 1010 0000 0000 0000 0001
0100 0101 0000 0000 0000 0000
0000 0000 0101 0000 0000 0001
1000 0000 0000 0101 0000 0000
0000 0000 0000 0000 0101 0001
Sign, MSB
LSB, parity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com