Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5543 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS5543
Description  22-Bit, Multi-Channel DS ADC Chip Set
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5543 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS5543 Datasheet HTML 16Page - Cirrus Logic CS5543 Datasheet HTML 17Page - Cirrus Logic CS5543 Datasheet HTML 18Page - Cirrus Logic CS5543 Datasheet HTML 19Page - Cirrus Logic CS5543 Datasheet HTML 20Page - Cirrus Logic CS5543 Datasheet HTML 21Page - Cirrus Logic CS5543 Datasheet HTML 22Page - Cirrus Logic CS5543 Datasheet HTML 23Page - Cirrus Logic CS5543 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
CS5542 CS5543
20
DS109PP2
Each VREF+ or VREF- input on a CS5542 may re-
quire up to 1 microamp of reference current. The
number of channels which can be supplied from
one voltage reference buffer will depend upon the
buffer’s output impedance and the distance be-
tween the CS5542 and the reference circuitry. A
well-designed voltage reference should be able to
supply 32 channels (16 CS5542s) in a system.
Board Layout
The circuit board containing the CS5542 modulator
should have a ground plane split through middle of
the modulator with pins 2 through 13 over a quiet
analog ground plane. In addition, guarding tech-
niques should be used around the low level inputs
INL, INR, and ICAL. Care must also be exercised
to ensure that the circuit card is manufactured with
good quality to ensure low leakage. After assem-
bly, the card should be cleaned to ensure it is free
from all surface contaminants.
Clock Source
CLKIN must have low jitter; less than 20 psec
RMS. Note that any drift in CLKIN over time or
temperature will show up as a gain error in the
CS5542/CS5543 measurement system; therefore a
stable clock source is highly desirable.
Power Supply
Power supply noise and ripple must be very low
within the passband of the CS5543 digital filter.
This noise and ripple can pass through the ESD
(Electrostatic Discharge) protection diodes at the
INL (INR) pin into the transimpedance stage of the
CS5542 modulator. With the capacitance of this
diode at about 5 pF, and the transimpedance resis-
tor of the first stage at about 2-10 megohm, cou-
pling of supply ripple is going to occur. For this
reason, the noise and ripple on the power supplies
should be low enough that the noise coupled into
the transimpedance stage should remain below the
noise floor of the converter across the bandwidth of
the digital filter. To achieve this, 60 Hz related
noise and ripple should remain below 50 micro-
volts peak-to-peak.
Digital Filter
The digital filter is a linear phase FIR filter. The
filter has a group delay of three conversion words
and an equivalent noise bandwidth of 0.536 of the
output word frequency.
Plots for the filter are
shown in the data sheet tables. Coefficients are tab-
ulated in the Appendix of this data sheet.
Joint Test Action Group (JTAG)
Boundary-Scan Interface
The CS5543 is designed for large multi-channel
systems. For this reason the chip is designed to sup-
port the IEEE Standard Access Port and Boundary-
Scan Architecture as defined in IEEE Std. 1149.1-
1990, or P1149.1. This standard defines circuitry
which is built into the an integrated circuit to assist
in the test, maintenance, and support of a system at
the printed circuit board level. The CS5543 in-
cludes circuitry which supports this standard.
It is highly recommended that if this type of test ca-
pability is desired in your system, that you acquire
a copy of the IEEE standard which thoroughly dis-
cusses the IEEE Standard Access Port and Bound-
ary-Scan Architecture as it will only be discussed
briefly here.
The CS5543 includes a TAP (Test Access Port)
made of the following connections: TCK (Test
Clock), TMS (Test Mode Select input), TDI (Test
Data Input), and TDO (Test Data Output). In ad-
dition to the TAP, the test logic includes a TAP
controller, an instruction register, and a set of test
registers. The TAP controller is a synchronous fi-
nite state machine which controls the sequence of
operations necessary to implement the boundary-
scan architecture. Figure 8 illustrates the TAP con-
troller state diagram. The instruction register al-
lows an instruction to be shifted into the design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com