Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5543 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS5543
Description  22-Bit, Multi-Channel DS ADC Chip Set
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5543 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS5543 Datasheet HTML 21Page - Cirrus Logic CS5543 Datasheet HTML 22Page - Cirrus Logic CS5543 Datasheet HTML 23Page - Cirrus Logic CS5543 Datasheet HTML 24Page - Cirrus Logic CS5543 Datasheet HTML 25Page - Cirrus Logic CS5543 Datasheet HTML 26Page - Cirrus Logic CS5543 Datasheet HTML 27Page - Cirrus Logic CS5543 Datasheet HTML 28Page - Cirrus Logic CS5543 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
CS5542 CS5543
DS109PP2
25
CS5542 PIN DESCRIPTIONS
PDN - Power Down, Pin 11.
When asserted the CS5542 will enter the power-down state.
C[2:0] - ICAL Input Select, Pins 28, 27, 26.
In an array of 4 CS5542’s (eight channels), C2-C0 will select which channel is to receive the
d.c. current applied to the ICAL pins.
Digital Outputs Pins-
MDATA[3:0] - Modulator Data Outputs, Pins 25, 24, 21, 20.
The tri-level modulator data is output on MDATA3 - MDATA0 for decimation by the CS5543.
Modulator Output Coding Table
Overload
-1
zero
+1
MDATA3
MDATA2
MDATA_1
MDATA0
Value / Meaning
1
0
0
1
+1 / Normal operation
1
0
1
0
0 / Normal operation
1
1
0
0
-1 / Normal operation
0
1
1
0
+1 / Modulator Overload
0
1
0
1
0 / Modulator Overload
0
0
1
1
-1 / Modulator Overload
As shown in the table above, a constant number of zeros and ones exist for all output states.
This provides a data-independent noise invariant coding to maximize isolation between channels.
Analog Input Pins -
VREF-,VREF+ - Differential Voltage Reference Inputs, Pins 2, 3.
A differential voltage reference on these pins operates as the voltage reference for the CS5542.
Nominally, it is -4.0 V and + 4.0 respectively.
ICAL - Full-Scale Current Calibration Input, Pin 10.
ICAL needs to be supplied for full-scale gain calibration.
INL, INR - Input Left and Input Right, Pins 5, 8.
INL and INR are the left and right modulator current input pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com