Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5543 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS5543
Description  22-Bit, Multi-Channel DS ADC Chip Set
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5543 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS5543 Datasheet HTML 15Page - Cirrus Logic CS5543 Datasheet HTML 16Page - Cirrus Logic CS5543 Datasheet HTML 17Page - Cirrus Logic CS5543 Datasheet HTML 18Page - Cirrus Logic CS5543 Datasheet HTML 19Page - Cirrus Logic CS5543 Datasheet HTML 20Page - Cirrus Logic CS5543 Datasheet HTML 21Page - Cirrus Logic CS5543 Datasheet HTML 22Page - Cirrus Logic CS5543 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
CS5542 CS5543
DS109PP2
19
CLKIN. FRAME will be latched into the CS5543
by the rising edge of CLKIN. This will subse-
quently generate an FSYNC signal to synchronize
the CS5542 modulators.
System Connections
An eight channel digitizer system can be construct-
ed using four CS5542 dual modulators with one
CS5543 eight-channel decimator. Figure 2 illus-
trates the hardware signal connections for an eight
channel system.
Digitizer blocks of eight channels each can be cas-
caded to connect 128 blocks together for a total of
1024 digitizer channels. All clocks in the system
are related to the CLKIN master clock. Assuming
that CLKIN= 2.048 MHz, the converter output
word rate will be CLKIN/2048. A data framing
signal, FRAME, synchronizes the digital output
data and the modulator data. The FRAME signal
must occur at the output word rate. The DATA-
CLK must be three times faster than the CLKIN
rate, 6.144 MHz in this example.
The CS5543 has four DATAOUT lines. Each of
the lines provides an output for the data from two
of the eight channels associated with a single
CS5543. Data from any one DATAOUT line is se-
rially transferred out of the DATAOUT pin in 48-
bit blocks, consisting of two 24-bit words.
With 128 CS5543 linked together, each of the four
serial lines linking DATAOUT pins to DATAIN
pins is in effect a serial shift register 6144 (48 X
128) bits long. The DATACLK is used to shift data
out of each CS5543 in 48 bit blocks. For a 1024
channel system with an CLKIN rate of 2.048 MHz,
the 6.144 MHz DATACLK will shift out the data
for all 1024 channels in one millisecond.
Analog Input
The CS5542 modulator is optimized to be driven
by a photodiode current source. Photodiodes have
large output impedances. A photodiode also has a
capacitance which is a function of its size. The
CS5542 relies on this capacitance to ensure the sta-
bility of its input stage. The capacitance also af-
fects the bandwidth of the input circuit.
In all cases the modulator assumes that the external
shunt capacitance of the photodiode is at least
220pF.
If the input source is actually a voltage source and
a resistor is used to generate the input current, a 220
pF capacitor should be connected between the in-
put pin and ground. The resistor will add additional
current noise into the circuit and will degrade the
dynamic range somewhat.
Voltage Reference
The voltages supplied to the VREF+ and VREF-
pins can range from ±2.0 volts to ±4.1 volts with
±4. 0 volts being preferred. VREF+ and VREF-
voltages should be balanced and have low noise.
Figure 7 illustrates how a bandgap voltage refer-
ence can be well filtered to provide a low noise
source for +4.0 volts.
>9V
10
µF
+
LT1019-
5
10
1K
4.02K
1K
10K
100
µF
+
100
µF
+
>9V
OP27
1K
47K
0.01
µF
22
+ 15µF + 0.1µF
+4.0
Figure 7. Noise-Filtered Bandgap Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com