Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7572 Datasheet(PDF) 53 Page - STMicroelectronics

Part # TDA7572
Description  200W mono bridge PWM amplifier with built-in step-up converter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7572 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button TDA7572 Datasheet HTML 49Page - STMicroelectronics TDA7572 Datasheet HTML 50Page - STMicroelectronics TDA7572 Datasheet HTML 51Page - STMicroelectronics TDA7572 Datasheet HTML 52Page - STMicroelectronics TDA7572 Datasheet HTML 53Page - STMicroelectronics TDA7572 Datasheet HTML 54Page - STMicroelectronics TDA7572 Datasheet HTML 55Page - STMicroelectronics TDA7572 Datasheet HTML 56Page - STMicroelectronics TDA7572 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 64 page
background image
TDA7572
Oscillator
53/64
11
Oscillator
A common clock is needed to run all switching blocks at one frequency to avoid beating. The
internally generated clock is used for the PWM modulators and to run the dc-dc converter.
To blur the EMI spectrum, sub-audible frequency dither incorporated.
When the DITH-sel pin is logic gnd then the internal oscillator operates without dither.
With a cap there is +-100UA dithering functions
Putting DITH-sel to VDIG allows an external clock to be accepted from CLKin-out at 4X
the selected frequency
Clock out is referred to VP2.5 and VM2.5, while external clock input is referred to
DGND and VDIG
External CLKin-out is always active. When DITH-sel is different to VDIG on this pin is
present a 4X modulator frequency at digital level.
The dither acts to span the intermodulation products present around multiple of switching
frequency. Dither the modulator frequency means make it slowly changing around a nominal
value. In case of a capacitor is connected to the DITH-sel pin a triangular drop is present
across it and the modulator frequency value follows these behave. The maximum value
reaches by it is the nominal value plus 10%, while the minimum value is nominal one minus
10%. This pick frequency values are reached when the DITH-sel pin reach the maximum
voltage value. The value of capacitor is involved in the ratio of variation of modulator
frequency, provided that it acts on triangular wave frequency.
In case of DAC operation the modulator frequency of PWM digital out of this component is
lock to the I2S input frequency, which is different from the analog modulator frequency
imposed by the described oscillator. No high value intermodulation product are generated
by difference of this frequency because the presence of filter between DAC out and Diff-to-
SE input. However a multiple frequency of DAC could be imposed to analog modulator by
the CLKin-out pin. In this case no dither can be introduced.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com