Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7572 Datasheet(PDF) 44 Page - STMicroelectronics

Part # TDA7572
Description  200W mono bridge PWM amplifier with built-in step-up converter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7572 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button TDA7572 Datasheet HTML 40Page - STMicroelectronics TDA7572 Datasheet HTML 41Page - STMicroelectronics TDA7572 Datasheet HTML 42Page - STMicroelectronics TDA7572 Datasheet HTML 43Page - STMicroelectronics TDA7572 Datasheet HTML 44Page - STMicroelectronics TDA7572 Datasheet HTML 45Page - STMicroelectronics TDA7572 Datasheet HTML 46Page - STMicroelectronics TDA7572 Datasheet HTML 47Page - STMicroelectronics TDA7572 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 64 page
background image
DAC
TDA7572
44/64
8
DAC
A one channel DAC is provided. A balance between die area and functionality has been
made - the interpolator function required for full bandwidth operation has been off-loaded to
an external DSP. This allows Bass-only operation of the DAC without any processing
assistance, while full bandwidth audio requires external interpolation assistance.
The DAC has a differential output:
positive output DAC1(32)
negative output DAC2(31)
On these pins are present a four level squared wave, composed by the differences of two
PWM wave have one an amplitude 16 times lower than the other. The output voltage on
DAC1 and DAC2 is compatible to the digital supply VDIG.
Figure 7.
DAC circuit diagram
where is filtered by means of capacitors and put in the AOUT Differential to single-ended
input, as reported in the picture above. The maximum signal present output of converter is
1.4 Vrms. The setting to use for the Diff-to-SE converter is Gain= -3dB
(INLEVEL1=0,INLEVEL0=0).
Communication is through a standard I2S port. I2C is available too.
Acting on the I2C Control registers it is possible turn-on the DAC (DACEnb) and choose the
configuration (Fratio(1:0)). With Fratio = "00"/"01" the configuration is for bass only. The
Input sample frequency is 48kHz (Fs). In case of Fratio = "10" the configuration is for full
band. The input sample rate for this case is 96kHz (Fs) and the first x2 interpolator has to be
implemented off-line in the DSP. A well checked structure to realize could be the following:
Coefficients: -11,11,-16,22,-30,40,-53,69,-91,122,-168,247,-426,1300,2047,1300,….
Oversampling
Increasing word rate from Fs to 2Fs.
Filter
Type
Remez filter, half band
Taps, bit
57, 12
Attenuation
50db attenuation out of 0.55Fs
Coefficients It is an Half-Band filter then we have only 15
coefficients (see following)
CF
R=20k
SVR/DGND
CF
RF=4.7k
RF
AC00019
R=2.5k
INP
INM
DAC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com