Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7572 Datasheet(PDF) 50 Page - STMicroelectronics

Part # TDA7572
Description  200W mono bridge PWM amplifier with built-in step-up converter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7572 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button TDA7572 Datasheet HTML 46Page - STMicroelectronics TDA7572 Datasheet HTML 47Page - STMicroelectronics TDA7572 Datasheet HTML 48Page - STMicroelectronics TDA7572 Datasheet HTML 49Page - STMicroelectronics TDA7572 Datasheet HTML 50Page - STMicroelectronics TDA7572 Datasheet HTML 51Page - STMicroelectronics TDA7572 Datasheet HTML 52Page - STMicroelectronics TDA7572 Datasheet HTML 53Page - STMicroelectronics TDA7572 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 64 page
background image
Diagnostics
TDA7572
50/64
10.1.6
Power supply overcurrent
I2Cbus: The bit IsenTrip is set when the voltage between the ISSENP and ISSENM
pins exceeds the threshold. Also, the power control SCR is turned on (only if the
PassFETctrl register is set to one). IsenTrip is cleared by the W1TC procedure.
No I2Cbus: In addition the above, the non-latched version of IsenTrip register is
reported on the Address0/Fault_L pin. The value of PassFETctrl bit is determined by
the SDA/SCR_Enb pin, which is read at powerup:
NOTE: The Output current is monitored only when the output signal is in the +/-1.2V
(see offset detector specification) range for more then 100ms. When this condition is
reached a switch present between ISSENM and ISSENP is switched off. Normally this
switch shorts the ISSENM pin to the ISSENP, allowing external filter caps to used to
condition the current sense signal.
10.1.7
Fault handling
Note:
in legacy mode (no I2C bus) the Output over-current warning information is not reported on
the fault pin, while is present on the clipping detector output pin.
Table 33.
Fault handling
Fault
1st Threshold (Bus mode: I2C/No I2C)
2nd Threshold
DC offset
- Latch the offset bit
- Tristate the modulator
- Latch the offset bit and Fault pin
- Tristate the modulator
Die temperature
- Latch the Twarn bit
The SCR is activated if enabled
- Latch the Twarn bit
- Assert the fault pin
Output clipping
- Latch the Clip bit
- Assert the SCL_CLIP_L (if no DAC)
- Assert the Address0 (if DAC)
- Latch the Clip bit
- Assert SCL_CLIP_L
Output
overcurrent
- Latch the IsenTrip bit
- Clip the output current by modulator
injection
Cycle-to-cycle Current limiting is
activated.
If the cycle-by-cycle limitation is
present for more then four PWM
cycles the SCR is activated if the
SCR is enabled and the output FET
are tristated. If the SCR is disabled
the cycle-by cycle limitation keep
going.
- Latch the IsenTrip bit
- Clip the output current by modulator
injection
Power supply
overcurrent
- Latch the IoutTrip bit
- The SCR is activated if enabled
- Latch the IoutTrip bit
- Assert the Fault pin
- The SCR is activated if enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com