Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7572 Datasheet(PDF) 29 Page - STMicroelectronics

Part # TDA7572
Description  200W mono bridge PWM amplifier with built-in step-up converter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7572 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button TDA7572 Datasheet HTML 25Page - STMicroelectronics TDA7572 Datasheet HTML 26Page - STMicroelectronics TDA7572 Datasheet HTML 27Page - STMicroelectronics TDA7572 Datasheet HTML 28Page - STMicroelectronics TDA7572 Datasheet HTML 29Page - STMicroelectronics TDA7572 Datasheet HTML 30Page - STMicroelectronics TDA7572 Datasheet HTML 31Page - STMicroelectronics TDA7572 Datasheet HTML 32Page - STMicroelectronics TDA7572 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 64 page
background image
TDA7572
I2C and mode control
29/64
The protocol used for the bus is the following and comprises:
a start condition (S)
a chip address byte (the LSB bit determines read / write transmission)
a subaddress byte
a sequence of data (N-bytes + acknowledge)
a stop condition (P)
Table 20.
Addresses
S = Start
R/W = "0" -> Receive-Mode (Chip could be programmed by µP)
"1" -> Transmission-Mode (Data could be received by µP)
I = Auto increment - when 1, the address is automatically increased for each byte transferred
X: not used
ACK = Acknowledge
P = Stop
MAX CLOCK SPEED 500kbits/s
The I2C address is user determined by pins ADDR1 and ADDR0. See table below:
Write procedure:
Two possible write procedures are possible:
1.
without increment: the I bit is set to 0 and the register is addressed by the subaddress.
Only this register is written by the data following the subaddress byte.
2.
with increment: the I bit is set to 1 and the first register read is the one addressed by
subaddress. Are written the register from this address up to stop bit or the reaching of
last register.
Example of write instruction with increment:
Chip address
Subaddress
Data [7:0]
MSBLSB
MSBLSB
MSB
LSB
S
A
AAAAAA R/W ACK
X
X
I
AAAA
A
ACK
DATA
ACK P
Table 21.
I2C chip address
MSB
LSB
A6
A5
A4
A3
A2
A1
A0
R/W
01000
ADDR1
ADDR0
X
Device
Address
R/W
Register
Address
DATA 1
DATA 2
DATA n
S
0011000
0
A
ADDR
A
MS1
A
LS1
A
MS2
A
LS2
A
MSn
A
LSn
A
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com