Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT37 Datasheet(PDF) 5 Page - Texas Instruments

Part # CAT37
Description  CMOS White LED Driver Boost Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CAT37 Datasheet(HTML) 5 Page - Texas Instruments

  CAT37 Datasheet HTML 1Page - Texas Instruments CAT37 Datasheet HTML 2Page - Texas Instruments CAT37 Datasheet HTML 3Page - Texas Instruments CAT37 Datasheet HTML 4Page - Texas Instruments CAT37 Datasheet HTML 5Page - Texas Instruments CAT37 Datasheet HTML 6Page - Texas Instruments CAT37 Datasheet HTML 7Page - Texas Instruments CAT37 Datasheet HTML 8Page - Texas Instruments CAT37 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
CAT37
© Catalyst Semiconductor, Inc.
5
Doc. No. MD-5005 Rev. T
Characteristics subject to change without notice
TYPICAL CHARACTERISTICS
VIN = 3.6V, TAMB = 25ºC , CIN = 4.7µF, COUT = 1µF, L = 6.8µH, unless otherwise specified.
60
65
70
75
80
85
90
23
4
5
6
INPUT VOLTAGE [V]
3 LEDS at 15mA
VOUT = 10V
3 LEDs at 15mA
VOUT = 10V
Efficiency vs. Input Voltage
74
76
78
80
82
84
86
-50
-25
0
25
50
75
100
TEMPERATURE [ºC]
= 3.6V
LOAD = 3 LEDs
VIN = 3.6V
LOAD = 15 mA
LOAD = 10 mA
Efficiency vs. Temperature
LOAD = 20 mA
VSW, IL, & VOUT Waveforms
PWM on SHDN
¯¯¯¯¯ pin at 1kHz
Enable Power-Up Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com