Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT37 Datasheet(PDF) 2 Page - Texas Instruments

Part # CAT37
Description  CMOS White LED Driver Boost Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CAT37 Datasheet(HTML) 2 Page - Texas Instruments

  CAT37 Datasheet HTML 1Page - Texas Instruments CAT37 Datasheet HTML 2Page - Texas Instruments CAT37 Datasheet HTML 3Page - Texas Instruments CAT37 Datasheet HTML 4Page - Texas Instruments CAT37 Datasheet HTML 5Page - Texas Instruments CAT37 Datasheet HTML 6Page - Texas Instruments CAT37 Datasheet HTML 7Page - Texas Instruments CAT37 Datasheet HTML 8Page - Texas Instruments CAT37 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CAT37
Doc. No. MD-5005 Rev. T
2
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
ORDERING INFORMATION
Part Number
Package
Quantity per Reel
Package Marking
CAT37TDI-T3
TSOT-23 5-lead
(1)
3,000
LM
CAT37TDI-GT3
TSOT-23 5-lead
(2)
3,000
UL
PIN CONFIGURATION
TSOT-23 5-Lead
Top View
1mm maximum height
θJA = 250ºC/W [free air]
PIN DESCRIPTION
Pin Number
Name
Function
1
SW
Switch pin. This is the drain of the internal power switch. For minimum EMI,
minimize the trace area connected to this pin.
2
GND
Ground pin. Connect pin 2 to ground.
3
FB
LED (cathode) connection pin.
4
SHDN
¯¯¯¯¯ Shutdown pin.
5
VIN
Input supply pin. This pin should be bypassed with a capacitor to ground. A 1µF
capacitor mounted close to the pin is recommended.
Notes:
(1) Matte-Tin Plated Finish (RoHS-compliant).
(2) NiPdAu Plated Finish (RoHS-compliant).
SHDN
VIN
FB
2
3
15
4
SW
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com