Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT37 Datasheet(PDF) 3 Page - Texas Instruments

Part # CAT37
Description  CMOS White LED Driver Boost Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CAT37 Datasheet(HTML) 3 Page - Texas Instruments

  CAT37 Datasheet HTML 1Page - Texas Instruments CAT37 Datasheet HTML 2Page - Texas Instruments CAT37 Datasheet HTML 3Page - Texas Instruments CAT37 Datasheet HTML 4Page - Texas Instruments CAT37 Datasheet HTML 5Page - Texas Instruments CAT37 Datasheet HTML 6Page - Texas Instruments CAT37 Datasheet HTML 7Page - Texas Instruments CAT37 Datasheet HTML 8Page - Texas Instruments CAT37 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CAT37
© Catalyst Semiconductor, Inc.
3
Doc. No. MD-5005 Rev. T
Characteristics subject to change without notice
ABSOLUTE MAXIMUM RATINGS (1)
Parameter
Rating
Unit
VIN, FB, SHDN
¯¯¯¯¯ voltage
8
V
SW voltage
20
V
Storage Temperature Range
-65 to +160
ºC
Junction Temperature
125
ºC
Lead Soldering Temperature (10 secs)
300
ºC
ESD Rating – Human Body Model
2000
V
RECOMMENDED OPERATING CONDITIONS
Parameter
Range
Unit
VIN
2.5 to 7
V
Ambient Temperature Range
-40 to +85
°C
Inductor L1
6.8 ± 20% typical
µH
Input Capacitor C1
1.0 ± 20% typical
µF
Output Capacitor C2
1.0 ± 20% typical
µF
ILED with 1 to 4 LEDs in series
0 to 20
mA
Typical application circuit with external components is shown on page 1.
ELECTRICAL OPERATING CHARACTERISTICS
Over recommended operating conditions unless otherwise specified. TA = 25ºC, VIN = 3V and V SHDN
¯¯¯¯¯ = 3V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Input Voltage Range
2.5
7
V
IQ
Quiescent Current
VFB = 0.2 V
0.5
0.7
mA
ISD
Shutdown Current
VSHDN = 0 V
0.05
1
µA
VFB
FB Pin Voltage
4 LEDs at 15 mA
85
95
105
mV
IFB
FB Pin Leakage Current
1
2
µA
Shutdown High Threshold
0.85
V
Shutdown Low Threshold
0.25
V
ISHDN
Shutdown Pin Current
1
nA
fSW
Boost Converter Frequency
0.8
1.2
1.6
MHz
DC
Maximum Switch Duty Cycle
90
95
%
ISWL
Switch Current Limit
400
550
780
mA
Switch Saturation Voltage
ISW = 300 mA
150
200
mV
Switch Leakage Current
Switch Off, VSW = 5 V
0.01
5
µA
Efficiency
Figure 1 with specified components
83
%
Notes:
(1) These are stress ratings only and functional operation is not implied. Exposure to absolute maximum ratings for prolonged time periods
may affect device reliability. All voltages are with respect to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com