Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT37 Datasheet(PDF) 1 Page - Texas Instruments

Part # CAT37
Description  CMOS White LED Driver Boost Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CAT37 Datasheet(HTML) 1 Page - Texas Instruments

  CAT37 Datasheet HTML 1Page - Texas Instruments CAT37 Datasheet HTML 2Page - Texas Instruments CAT37 Datasheet HTML 3Page - Texas Instruments CAT37 Datasheet HTML 4Page - Texas Instruments CAT37 Datasheet HTML 5Page - Texas Instruments CAT37 Datasheet HTML 6Page - Texas Instruments CAT37 Datasheet HTML 7Page - Texas Instruments CAT37 Datasheet HTML 8Page - Texas Instruments CAT37 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CAT37
© Catalyst Semiconductor, Inc.
1
Doc. No. MD-5005 Rev. T
Characteristics subject to change without notice
15mA
R1
6.34kΩ
C1: Taiyo Yuden JMK212BJ475
C2: Taiyo Yuden EMK212BJ105
D1: Zetez ZHCS400
L1: Panasonic ELJEA6R8 or equivalent
L1
6.8µH
2
3
1
5
4
SW
VIN
SHDN
D1
C2
1µF
C1
1µF
VIN
3V to 5V
ON OFF
CAT37
FB
GND
CMOS White LED Driver Boost Converter
FEATURES
Low quiescent ground current (0.5mA typical)
Power efficiency over 80%
Compatible pinout with LT1932
Adjustable output current (up to 40mA)
High frequency 1.2MHz operation
Input voltage operation down to 2.5V
Low resistance (0.5Ω) power switch
Drives up to 4 White LEDs in series
Shutdown current less than 1µA
Load fault protection against open-circuits
Low value external components
Low profile (1mm) TSOT-23 5-lead package
APPLICATION
Color LCD and keypad backlighting
Cellular phones
Handheld terminals
Digital cameras
PDAs/Games
Portable MP3 players
DESCRIPTION
The CAT37 is a DC/DC step up converter that delivers
a regulated output current. Operation at a constant
switching frequency of 1.2MHz allows the device to be
used with very small value external inductor and
ceramic capacitors.
The CAT37 is targeted to drive multiple white light-
emitting diodes (LEDs) connected in series and
provides the necessary regulated current to control
the brightness and the color purity. An external
resistor R1 controls the output current level. LED
currents of up to 40mA can be supported over a wide
range of input supply voltages from 2.5V to 7V,
making
the
device
ideal
for
battery-powered
applications.
A high voltage output stage allows up to 4 White LEDs
to be driven in series. Series drive provides inherent
current matching.
LED dimming can be done by using a DC voltage, a
logic signal, or a pulse width modulation (PWM)
signal. The shutdown input pin allows the device to be
placed in power-down mode with “near zero”
quiescent current.
In addition to overcurrent limiting protection, the
device also includes detection circuitry to ensure
protection against open-circuit load fault conditions.
The device is available in a low profile (1mm max
height) 5-lead TSOT-23 package.
TYPICAL APPLICATION CIRCUIT
Figure 1. Driver for Four High-Brightness White LEDs
For Ordering Information details, see page 11.


Similar Part No. - CAT37

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT37 CATALYST-CAT37 Datasheet
168Kb / 13P
CMOS White LED Driver Boost Converter
CAT37 CATALYST-CAT37 Datasheet
557Kb / 12P
CMOS White LED Driver Boost Converter
logo
ON Semiconductor
CAT37 ONSEMI-CAT37 Datasheet
149Kb / 11P
CMOS White LED Driver Boost Converter
February, 2010 ??Rev. 21
logo
Catalyst Semiconductor
CAT37EKK-TE7 CATALYST-CAT37EKK-TE7 Datasheet
168Kb / 13P
CMOS White LED Driver Boost Converter
CAT37EKK-TE7 CATALYST-CAT37EKK-TE7 Datasheet
557Kb / 12P
CMOS White LED Driver Boost Converter
More results

Similar Description - CAT37

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT37 CATALYST-CAT37 Datasheet
168Kb / 13P
CMOS White LED Driver Boost Converter
CAT4237 CATALYST-CAT4237 Datasheet
533Kb / 13P
High Voltage CMOS Boost White LED Driver
CAT37 CATALYST-CAT37_05 Datasheet
557Kb / 12P
CMOS White LED Driver Boost Converter
CAT4137 CATALYST-CAT4137 Datasheet
302Kb / 14P
CMOS Boost Converter - White LED Driver
logo
ON Semiconductor
CAT37TDI-T3 ONSEMI-CAT37TDI-T3 Datasheet
187Kb / 13P
CMOS White LED Driver Boost Converter
Doc. No. MD-5005 Rev. V
CAT4137TD-T3 ONSEMI-CAT4137TD-T3 Datasheet
251Kb / 16P
CMOS Boost Converter - White LED Driver
Doc. No. MD-5012 Rev. C
CAT37 ONSEMI-CAT37 Datasheet
149Kb / 11P
CMOS White LED Driver Boost Converter
February, 2010 ??Rev. 21
CAT4137 ONSEMI-CAT4137 Datasheet
179Kb / 16P
CMOS Boost Converter - White LED Driver
February, 2010 ??Rev. 2
CAT4237 ONSEMI-CAT4237 Datasheet
279Kb / 13P
High Voltage CMOS Boost White LED Driver
February, 2010 ??Rev. 2
CAT4137 ONSEMI-CAT4137_11 Datasheet
170Kb / 15P
CMOS Boost Converter - White LED Driver
November, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com