Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT37 Datasheet(PDF) 9 Page - Texas Instruments

Part # CAT37
Description  CMOS White LED Driver Boost Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CAT37 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CAT37 Datasheet HTML 5Page - Texas Instruments CAT37 Datasheet HTML 6Page - Texas Instruments CAT37 Datasheet HTML 7Page - Texas Instruments CAT37 Datasheet HTML 8Page - Texas Instruments CAT37 Datasheet HTML 9Page - Texas Instruments CAT37 Datasheet HTML 10Page - Texas Instruments CAT37 Datasheet HTML 11Page - Texas Instruments CAT37 Datasheet HTML 12Page - Texas Instruments CAT37 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
CAT37
© Catalyst Semiconductor, Inc.
9
Doc. No. MD-5005 Rev. T
Characteristics subject to change without notice
TYPICAL APPLICATION CIRCUITS
Two LEDs with DC Level Dimming Control
15mA
R1
6.34kΩ
1k
18k
L1
6.8µH
VDC
Dimming
2
3
1
5
4
SW
VIN
SHDN
D1
C2
1µF
C1
1µF
VIN
3V to 4.2V
CAT37
FB
GND
Efficiency – Two LEDs
Three LEDs with DC Level Dimming Control
15mA
R1
6.34kΩ
1k
18k
L1
6.8µH
VDC
Dimming
2
3
1
5
4
SW
VIN
SHDN
D1
C2
1µF
C1
1µF
VIN
3V to 4.2V
CAT37
FB
GND
Efficiency –- Three LEDs
Four LEDs with PWM Dimming Control
Efficiency – Four LEDs
60
65
70
75
80
85
90
0
5
10
15
20
25
30
LED CURRENT [mA]
VIN=3.0V
VIN=3.6V
VIN = 3.6V
VIN = 3.0V
60
65
70
75
80
85
90
0
5
10
15
20
25
30
LED CURRENT [mA]
VIN=3.0V
VIN=3.6V
VIN = 3.6V
VIN = 3.0V
60
65
70
75
80
85
90
0
5
10
15
20
25
30
LED CURRENT [mA]
VIN = 3.0V
VIN = 3.6V
VIN = 3.0V
VIN = 3.6V
15mA
R1
6.34kΩ
1k
18k
0.1µF
10k
L1
6.8µH
PWM
2
3
1
5
4
SW
VIN
SHDN
D1
C2
1µF
C1
1µF
VIN
3V to 4.2V
CAT37
FB
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com