Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56301 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # DSP56301
Description  24-Bit Digital Signal Processor
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56301 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button DSP56301 Datasheet HTML 35Page - Freescale Semiconductor, Inc DSP56301 Datasheet HTML 36Page - Freescale Semiconductor, Inc DSP56301 Datasheet HTML 37Page - Freescale Semiconductor, Inc DSP56301 Datasheet HTML 38Page - Freescale Semiconductor, Inc DSP56301 Datasheet HTML 39Page - Freescale Semiconductor, Inc DSP56301 Datasheet HTML 40Page - Freescale Semiconductor, Inc DSP56301 Datasheet HTML 41Page - Freescale Semiconductor, Inc DSP56301 Datasheet HTML 42Page - Freescale Semiconductor, Inc DSP56301 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 124 page
background image
AC Electrical Characteristics
DSP56301 Technical Data, Rev. 10
Freescale Semiconductor
2-13
2.5.5.1 SRAM Timing
Table 2-8.
SRAM Read and Write Accesses3,6
No.
Characteristics
Symbol
Expression1
80 MHz
100 MHz
Unit
Min
Max
Min
Max
100
Address valid and AA
assertion pulse width2
tRC, tWC
(WS + 1)
× TC − 4.0 [1 ≤ WS ≤ 3]
(WS + 2)
× TC − 4.0 [4 ≤ WS ≤ 7]
(WS + 3)
× TC − 4.0 [WS ≥ 8]
21.0
71.0
133.5
—
—
—
16.0
56.0
106.0
—
—
—
ns
ns
ns
101
Address and AA valid to
WR assertion
tAS
0.25
× TC − 2.0 [WS = 1]
0.75
× TC − 2.0 [2 ≤ WS ≤ 3]
1.25
× TC − 2.0 [WS ≥ 4]
1.1
7.4
13.6
—
—
—
0.5
5.5
10.5
—
—
—
ns
ns
ns
102
WR assertion pulse width
tWP
1.5
× TC − 4.0 [WS = 1]
WS
× TC − 4.0 [2 ≤ WS ≤ 3]
(WS
− 0.5) × TC − 4.0 [WS ≥ 4]
14.8
21.0
39.8
—
—
—
11.0
16.0
31.0
—
—
—
ns
ns
ns
103
WR deassertion to
address not valid
tWR
0.25
× TC − 2.0 [1 ≤ WS ≤ 3]
1.25
× TC − 4.0 [4 ≤ WS ≤ 7]
2.25
× TC − 4.0 [WS ≥ 8]
1.1
11.6
24.1
—
—
—
0.5
8.5
18.5
—
—
—
ns
ns
ns
104
Address and AA valid to
input data valid
tAA, tAC
(WS + 0.75)
× TC − 5.0 [WS ≥ 1]
—
16.9
—
12.5
ns
105
RD assertion to input data
valid
tOE
(WS + 0.25)
× TC − 5.0 [WS ≥ 1]
—
10.6
—
7.5
ns
106
RD deassertion to data not
valid (data hold time)
tOHZ
0.0
—
0.0
—
ns
107
Address valid to WR
deassertion2
tAW
(WS + 0.75)
× TC − 4.0 [WS ≥ 1]
17.9
—
13.5
—
ns
108
Data valid to WR
deassertion (data setup
time)
tDS (tDW)(WS − 0.25) × TC − 3.0 [WS ≥ 1]
6.4
—
4.5
—
ns
109
Data hold time from WR
deassertion
tDH
0.25
× TC − 2.0 [1 ≤ WS ≤ 3]
1.25
× TC − 2.0 [4 ≤ WS ≤ 7]
2.25
× TC − 2.0 [WS ≥ 8]
1.1
13.6
26.1
—
—
—
0.5
10.5
20.5
—
—
—
ns
ns
ns
110
WR assertion to data
active
0.75
× TC − 3.7 [WS = 1]
0.25
× TC − 3.7 [2 ≤ WS ≤ 3]
−0.25 × TC − 3.7 [WS ≥ 4]
5.7
–0.6
–6.8
—
—
—
3.8
–1.2
–6.2
—
—
—
ns
ns
ns
111
WR deassertion to data
high impedance
0.25
× TC + 0.2 [1 ≤ WS ≤ 3]
1.25
× TC + 0.2 [4 ≤ WS ≤ 7]
2.25
× TC + 0.2 [WS ≥ 8]
—
—
—
3.3
15.8
28.3
—
—
—
2.7
12.7
22.7
ns
ns
ns
112
Previous RD deassertion
to data active (write)
1.25
× TC − 4.0 [1 ≤ WS ≤ 3]
2.25
× TC − 4.0 [4 ≤ WS ≤ 7]
3.25
× TC − 4.0 [WS ≥ 8]
11.6
24.1
36.6
—
—
—
8.5
18.5
28.5
—
—
—
ns
ns
ns
113
RD deassertion time
0.75
× TC − 4.0 [1 ≤ WS ≤ 3]
1.75
× TC − 4.0 [4 ≤ WS ≤ 7]
2.75
× TC − 4.0 [WS ≥ 8]
5.4
17.9
30.4
—
—
—
3.5
13.5
23.5
—
—
—
ns
ns
ns
114
WR deassertion time
0.5
× TC − 4.0 [WS = 1]
TC − 4.0 [2 ≤ WS ≤ 3]
2.5
× TC − 4.0 [4 ≤ WS ≤ 7]
3.5
× TC − 4.0 [WS ≥ 8]
2.3
8.5
27.3
39.8
—
—
—
—
1.0
6.0
21.0
31.0
—
—
—
—
ns
ns
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com