Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56301 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # DSP56301
Description  24-Bit Digital Signal Processor
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56301 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  DSP56301 Datasheet HTML 1Page - Freescale Semiconductor, Inc DSP56301 Datasheet HTML 2Page - Freescale Semiconductor, Inc DSP56301 Datasheet HTML 3Page - Freescale Semiconductor, Inc DSP56301 Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56301 Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56301 Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56301 Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56301 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56301 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 124 page
background image
Freescale Semiconductor
Technical Data
DSP56301
Rev. 10, 7/2006
© Freescale Semiconductor, Inc., 1996, 2006. All rights reserved.
DSP56301
24-Bit Digital Signal Processor
The DSP56301 is a member of the DSP56300 core family of programmable CMOS Digital Signal Processors
(DSPs). This family uses a high-performance, single clock cycle per instruction engine. Significant architectural
features of the DSP56300 core family include a barrel shifter, 24-bit addressing, instruction cache, and DMA. The
DSP56301 offers 80/100 MIPS using an internal 80/100 MHz clock at 3.0–3.6 volts. The DSP56300 core family
offers a rich instruction set and low power dissipation, as well as increasing levels of speed and power, enabling
wireless, telecommunications, and multimedia products.
Figure 1. DSP56301 Block Diagram
PLL
OnCE™
Clock
Internal
Data
Bus
Switch
Program
RAM
4096
× 24 bits
(Default)
YAB
XAB
PAB
YDB
XDB
PDB
GDB
MODC/IRQC
MODB/IRQB
External
Data
Bus
14
MODA/IRQA
DSP56300
6
52
24-Bit
24
24
X Data
RAM
2048
× 24
bits
(Default)
Y Data
RAM
2048
× 24
bits
(Default)
DDB
DAB
Memory Expansion Area
Peripheral
Core
Expansion Area
6
SCI
JTAG
6
3
RESET
MODD/IRQD
PINIT/NMI
2
Boot-
strap
ROM
EXTAL
XTAL
Triple
Timer
Host
Interface
ESSI
Address
Generator
Unit
Six-Channel
DMA Unit
Program
Interrupt
Controller
Program
Decode
Controller
Program
Address
Generator
Data ALU
24
× 24+56→56-bit MAC
Two 56-bit Accumulators
56-bit Barrel Shifter
Power
Management
External
Bus
Interface
and
I-Cache
Control
External
Address
Bus
Switch
The DSP56301 is intended
for general-purpose digital
signal processing,
particularly in multimedia
and telecommunication
applications, such as video
conferencing and cellular
telephony.
What’s New?
Rev. 10 includes the following
changes:
• Removes all references to
Motorola. No specifications or
part numbers were changed.


Similar Part No. - DSP56301

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DSP56301 NXP-DSP56301 Datasheet
2Mb / 124P
24-Bit Digital Signal Processor
Rev. 10
DSP56301AG100 NXP-DSP56301AG100 Datasheet
2Mb / 124P
24-Bit Digital Signal Processor
Rev. 10
DSP56301AG80 NXP-DSP56301AG80 Datasheet
2Mb / 124P
24-Bit Digital Signal Processor
Rev. 10
DSP56301PW100 NXP-DSP56301PW100 Datasheet
2Mb / 124P
24-Bit Digital Signal Processor
Rev. 10
DSP56301PW80 NXP-DSP56301PW80 Datasheet
2Mb / 124P
24-Bit Digital Signal Processor
Rev. 10
More results

Similar Description - DSP56301

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56309UM MOTOROLA-DSP56309UM Datasheet
4Mb / 424P
24-Bit Digital Signal Processor
DSP56L307 MOTOROLA-DSP56L307 Datasheet
1Mb / 108P
24-Bit Digital Signal Processor
DSP56307 MOTOROLA-DSP56307 Datasheet
947Kb / 156P
24-BIT DIGITAL SIGNAL PROCESSOR
logo
Freescale Semiconductor...
DSP56321 FREESCALE-DSP56321 Datasheet
1Mb / 84P
24-Bit Digital Signal Processor
DSP56L307 FREESCALE-DSP56L307 Datasheet
1Mb / 104P
24-Bit Digital Signal Processor
DSP56321VF200R2 FREESCALE-DSP56321VF200R2 Datasheet
1Mb / 84P
24-Bit Digital Signal Processor
DSP56311VL150R2 FREESCALE-DSP56311VL150R2 Datasheet
1Mb / 96P
24-Bit Digital Signal Processor
logo
NXP Semiconductors
DSP56301 NXP-DSP56301 Datasheet
2Mb / 124P
24-Bit Digital Signal Processor
Rev. 10
DSP56305 NXP-DSP56305 Datasheet
2Mb / 120P
24-Bit Digital Signal Processor
Rev. 4, 11/2002
DSP56001A NXP-DSP56001A Datasheet
1Mb / 101P
24-BIT DIGITAL SIGNAL PROCESSOR
Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com