Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56301 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # DSP56301
Description  24-Bit Digital Signal Processor
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56301 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button DSP56301 Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56301 Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56301 Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56301 Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56301 Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56301 Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56301 Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56301 Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56301 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 124 page
background image
Interrupt and Mode Control
DSP56301 Technical Data, Rev. 10
Freescale Semiconductor
1-9
1.6 Interrupt and Mode Control
The interrupt and mode control signals select the chip’s operating mode as it comes out of hardware reset. After
RESET
is deasserted, these inputs are hardware interrupt request lines.
Table 1-9.
Interrupt and Mode Control
Signal Name
Type
State During
Reset
Signal Description
MODA
IRQA
Input
Input
Input
Mode Select A
Selects the initial chip operating mode during hardware reset and becomes a
level-sensitive or negative-edge-triggered, maskable interrupt request input
IRQA during normal instruction processing. MODA, MODB, MODC, and
MODD select one of sixteen initial chip operating modes, latched into the OMR
when the RESET signal is deasserted.
External Interrupt Request A
Internally synchronized to CLKOUT. If IRQA is asserted synchronous to
CLKOUT, multiple processors can be re-synchronized using the WAIT
instruction and asserting IRQA to exit the Wait state. If the processor is in the
Stop stand-by state and IRQA is asserted, the processor exits the Stop state.
These inputs are 5 V tolerant.
MODB
IRQB
Input
Input
Input
Mode Select B
Selects the initial chip operating mode during hardware reset and becomes a
level-sensitive or negative-edge-triggered, maskable interrupt request input
IRQB during normal instruction processing. MODA, MODB, MODC, and
MODD select one of sixteen initial chip operating modes, latched into the OMR
when the RESET signal is deasserted.
External Interrupt Request B
Internally synchronized to CLKOUT. If IRQB is asserted synchronous to
CLKOUT, multiple processors can be re-synchronized using the WAIT
instruction and asserting IRQB to exit the Wait state. If the processor is in the
Stop stand-by state and IRQC is asserted, the processor will exit the Stop
state.
These inputs are 5 V tolerant.
MODC
IRQC
Input
Input
Input
Mode Select C
Selects the initial chip operating mode during hardware reset and becomes a
level-sensitive or negative-edge-triggered, maskable interrupt request input
IRQC during normal instruction processing. MODA, MODB, MODC, and
MODD select one of sixteen initial chip operating modes, latched into the OMR
when the RESET signal is deasserted.
External Interrupt Request C
Internally synchronized to CLKOUT. If IRQC is asserted synchronous to
CLKOUT, multiple processors can be re-synchronized using the WAIT
instruction and asserting IRQC to exit the Wait state. If the processor is in the
Stop stand-by state and IRQC is asserted, the processor exits the Stop state.
These inputs are 5 V tolerant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com