Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56301 Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # DSP56301
Description  24-Bit Digital Signal Processor
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56301 Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button DSP56301 Datasheet HTML 45Page - Freescale Semiconductor, Inc DSP56301 Datasheet HTML 46Page - Freescale Semiconductor, Inc DSP56301 Datasheet HTML 47Page - Freescale Semiconductor, Inc DSP56301 Datasheet HTML 48Page - Freescale Semiconductor, Inc DSP56301 Datasheet HTML 49Page - Freescale Semiconductor, Inc DSP56301 Datasheet HTML 50Page - Freescale Semiconductor, Inc DSP56301 Datasheet HTML 51Page - Freescale Semiconductor, Inc DSP56301 Datasheet HTML 52Page - Freescale Semiconductor, Inc DSP56301 Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 124 page
background image
AC Electrical Characteristics
DSP56301 Technical Data, Rev. 10
Freescale Semiconductor
2-23
Table 2-13.
DRAM Out-of-Page and Refresh Timings, Eleven Wait States1, 2
No.
Characteristics3
Symbol
Expression
80 MHz
100 MHz
Unit
Min
Max
Min
Max
157
Random read or write cycle time
tRC
12
× TC
150.0
—
120.0
—
ns
158
RAS assertion to data valid (read)
tRAC
80 MHz:
6.25
× TC − 6.5
100 MHz:
6.25
× TC − 7.0
—
—
71.6
—
—
—
—
55.5
ns
ns
159
CAS assertion to data valid (read)
tCAC
80 MHz:
3.75
× TC − 6.5
100 MHz:
3.75
× TC − 7.0
—
—
40.4
—
—
—
—
30.5
ns
ns
160
Column address valid to data valid (read)
tAA
80 MHz:
4.5
× TC − 6.5
100 MHz:
4.5
× TC − 7.0
—
—
49.8
—
—
—
—
38.0
ns
ns
161
CAS deassertion to data not valid (read hold time)
tOFF
0.0
—
0.0
—
ns
162
RAS deassertion to RAS assertion
tRP
4.25
× TC − 4.0
49.1
—
38.5
—
ns
163
RAS assertion pulse width
tRAS
7.75
× TC − 4.0
92.9
—
73.5
—
ns
164
CAS assertion to RAS deassertion
tRSH
5.25
× TC − 4.0
61.6
—
48.5
—
ns
165
RAS assertion to CAS deassertion
tCSH
6.25
× TC − 4.0
74.1
—
58.5
—
ns
166
CAS assertion pulse width
tCAS
3.75
× TC − 4.0
42.9
—
33.5
—
ns
167
RAS assertion to CAS assertion
tRCD
2.5
× TC ± 4.0
27.3
35.3
21.0
29.0
ns
168
RAS assertion to column address valid
tRAD
1.75
× TC ± 4.0
17.9
25.9
13.5
21.5
ns
169
CAS deassertion to RAS assertion
tCRP
5.75
× TC − 4.0
67.9
—
53.5
—
ns
170
CAS deassertion pulse width
tCP
4.25
× TC – 6.0
49.1
—
36.5
—
ns
171
Row address valid to RAS assertion
tASR
4.25
× TC − 4.0
49.1
—
38.5
—
ns
172
RAS assertion to row address not valid
tRAH
1.75
× TC − 4.0
17.9
—
13.5
—
ns
173
Column address valid to CAS assertion
tASC
0.75
× TC − 4.0
5.4
—
3.5
—
ns
174
CAS assertion to column address not valid
tCAH
5.25
× TC − 4.0
61.6
—
48.5
—
ns
175
RAS assertion to column address not valid
tAR
7.75
× TC − 4.0
92.9
—
73.5
—
ns
176
Column address valid to RAS deassertion
tRAL
6
× TC − 4.0
71.0
—
56.0
—
ns
177
WR deassertion to CAS assertion
tRCS
3.0
× TC − 4.0
33.5
—
26.0
—
ns
178
CAS deassertion to WR4 assertion
tRCH
1.75
× TC – 3.7
17.9
—
13.8
—
ns
179
RAS deassertion to WR4 assertion
tRRH
80 MHz:
0.25
× TC − 2.6
100 MHz:
0.25
× TC − 2.0
0.5
—
—
—
—
0.5
—
—
ns
ns
180
CAS assertion to WR deassertion
tWCH
5
× TC − 4.2
58.3
—
45.8
—
ns
181
RAS assertion to WR deassertion
tWCR
7.5
× TC − 4.2
89.6
—
70.8
—
ns
182
WR assertion pulse width
tWP
11.5
× TC − 4.5
139.3
—
110.5
—
ns
183
WR assertion to RAS deassertion
tRWL
11.75
× TC − 4.3
142.7
—
113.2
—
ns
184
WR assertion to CAS deassertion
tCWL
10.25
× TC − 4.3
123.8
—
98.2
—
ns
185
Data valid to CAS assertion (write)
tDS
5.75
× TC − 4.0
67.9
—
53.5
—
ns
186
CAS assertion to data not valid (write)
tDH
5.25
× TC − 4.0
61.6
—
48.5
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com