Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56301 Datasheet(PDF) 75 Page - Freescale Semiconductor, Inc

Part # DSP56301
Description  24-Bit Digital Signal Processor
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56301 Datasheet(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button DSP56301 Datasheet HTML 71Page - Freescale Semiconductor, Inc DSP56301 Datasheet HTML 72Page - Freescale Semiconductor, Inc DSP56301 Datasheet HTML 73Page - Freescale Semiconductor, Inc DSP56301 Datasheet HTML 74Page - Freescale Semiconductor, Inc DSP56301 Datasheet HTML 75Page - Freescale Semiconductor, Inc DSP56301 Datasheet HTML 76Page - Freescale Semiconductor, Inc DSP56301 Datasheet HTML 77Page - Freescale Semiconductor, Inc DSP56301 Datasheet HTML 78Page - Freescale Semiconductor, Inc DSP56301 Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 124 page
background image
AC Electrical Characteristics
DSP56301 Technical Data, Rev. 10
Freescale Semiconductor
2-49
2.5.11 JTAG Timing
Figure 2-45.
GPIO Timing
Table 2-25.
JTAG Timing
No.
Characteristics1,2
All frequencies
Unit
Min
Max
500
TCK frequency of operation (1/(T
C ×
3); maximum 22 MHz)
0.0
22.0
MHz
501
TCK cycle time in Crystal mode
45.0
—
ns
502
TCK clock pulse width measured at 1.5 V
20.0
—
ns
503
TCK rise and fall times
0.0
3.0
ns
504
Boundary scan input data setup time
5.0
—
ns
505
Boundary scan input data hold time
24.0
—
ns
506
TCK low to output data valid
0.0
40.0
ns
507
TCK low to output high impedance
0.0
40.0
ns
508
TMS, TDI data setup time
5.0
—
ns
509
TMS, TDI data hold time
25.0
—
ns
510
TCK low to TDO data valid
0.0
44.0
ns
511
TCK low to TDO high impedance
0.0
44.0
ns
512
TRST assert time
100.0
—
ns
513
TRST setup time to TCK low
40.0
—
ns
Notes:
1.
VCC = 3.3 V ± 0.3 V; TJ = −40°C to +100 °C, CL = 50 pF
2.
All timings apply to OnCE module data transfers because it uses the JTAG port as an interface.
Valid
GPIO
(Input)
GPIO
(Output)
CLKOUT
(Output)
Fetch the instruction MOVE X0,X:(R0); X0 contains the new value of GPIO
and R0 contains the address of GPIO data register.
A[0–23]
490
491
492
494
493



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com