Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHF1201 Datasheet(PDF) 7 Page - STMicroelectronics

Part # RHF1201
Description  Rad-hard 12-bit 0.5 to 50 Msps A/D converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF1201 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button RHF1201 Datasheet HTML 3Page - STMicroelectronics RHF1201 Datasheet HTML 4Page - STMicroelectronics RHF1201 Datasheet HTML 5Page - STMicroelectronics RHF1201 Datasheet HTML 6Page - STMicroelectronics RHF1201 Datasheet HTML 7Page - STMicroelectronics RHF1201 Datasheet HTML 8Page - STMicroelectronics RHF1201 Datasheet HTML 9Page - STMicroelectronics RHF1201 Datasheet HTML 10Page - STMicroelectronics RHF1201 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
RHF1201
Electrical characteristics (unchanged after 300kRad)
7/18
6
Electrical characteristics (unchanged after 300kRad)
Test conditions, unless otherwise specified are: AVCC =DVCC =VCCB =2.5 V, FS = 50 Msps,
Fin = 2 MHz, VIN @ -1 dBSF, VREFP = Internal, VREFM =0V, Tamb =25° C
Table 5.
Analog inputs
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VIN-VINB
Full scale reference voltage
2.0
Vpp
Cin
Input capacitance
7.0
pF
Rin
Input resistance
ERB
Effective resolution
bandwidth(1)
95
MHz
1.
See Section 8: Definitions of specified parameters on page 14 for more information.
Table 6.
Reference voltage
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VREFP
Top internal reference voltage
AVCC from 2.3V to 2.7V
Tmin = -55° C to
Tmax = 125° C
(1)
0.82
0.95
1.16
V
VINCM
Input common mode voltage
AVCC=2.3 V to
AVCC=2.7 V
Tmin = -55° C to
Tmax = 125° C
(1)
0.43
052
0.67
V
TempCo
Temperature coefficients
VREFP
Tmin = -55° C to
Tmax = 125° C
(1)
0.12
mV/°C
VINCM
Tmin = -55° C to
Tmax = 125° C
(1)
0.12
mV/°C
1.
Not fully tested over the temperature range. Guaranteed by sampling.
Table 7.
Digital inputs and outputs
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Clock input
VIL
Logic "0" voltage
0
0.8
V
VIH
Logic "1" voltage
2.0
2.5
V
Digital inputs
VIL
Logic "0" voltage
0
0.25
VCCBE
V
VIH
Logic "1" voltage
0.75
VCCBE
VCCBE
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com