Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHF1201 Datasheet(PDF) 1 Page - STMicroelectronics

Part # RHF1201
Description  Rad-hard 12-bit 0.5 to 50 Msps A/D converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF1201 Datasheet(HTML) 1 Page - STMicroelectronics

  RHF1201 Datasheet HTML 1Page - STMicroelectronics RHF1201 Datasheet HTML 2Page - STMicroelectronics RHF1201 Datasheet HTML 3Page - STMicroelectronics RHF1201 Datasheet HTML 4Page - STMicroelectronics RHF1201 Datasheet HTML 5Page - STMicroelectronics RHF1201 Datasheet HTML 6Page - STMicroelectronics RHF1201 Datasheet HTML 7Page - STMicroelectronics RHF1201 Datasheet HTML 8Page - STMicroelectronics RHF1201 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
June 2007
Rev 2
1/18
18
RHF1201
Rad-hard 12-bit 0.5 to 50 Msps A/D converter
Features
■ Wide sampling range: 0.5Msps to 50Msps
■ OptimwattTM adaptive power:
44mW @ 0.5Msps, 100mW @ 50Msps
■ Input range: 2 Vpp differential
■ SFDR up to 75dB @ FS = 50Msps,
Fin =15MHz
■ 2.5V / 3.3V compatible digital I/O
■ Built-in reference voltage with external bias
capability
■ Hermetic package
■ Rad-hard: 300 kRad(Si) TID
■ Failure immune (SEFI) and latchup immune
(SEL) up to 120 MeV-cm2/mg at 2.7V and
125°C
■ Qml-V qualified, smd 5962-05217
Applications
■ Digital communication satellites
■ Space data acquisition systems
■ Aerospace instrumentation
■ Nuclear and high-energy physics
Description
The RHF1201 is a 12-bit 50MHz maximum
sampling frequency analog to digital converter
using pure (ELDRS-free) CMOS 0.25µm
technology combining high performance, radiation
robustness and very low power consumption.
The RHF1201 is based on a pipeline structure
and digital error correction to provide excellent
static linearity and achieve 10.3 effective bits at
FS = 50Msps, and Fin = 15MHz.
Specifically designed for optimizing power
consumption, the RHF1201 can dissipate as little
as 100mW at 50Msps, while maintaining a high
level of performance.
It integrates a proprietary track-and-hold structure
to ensure IF-sampling applications up to 150
MHz.
A voltage reference is integrated in the circuit to
simplify the design and minimize external
components. A tri-state capability is available on
the outputs to allow common bus sharing. Output
data can be coded in two different formats.
A Data Ready signal which is raised when the
data is valid on the output can be used for
synchronization purposes.
The RHF1201 is available in -55° C to +125° C
temperature range, in a small 48-pin hermetic
SO-48 package.
SO-48 package
24
25
1
48
Pin connections (top view)
www.st.com


Similar Part No. - RHF1201

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHF1201 STMICROELECTRONICS-RHF1201_11 Datasheet
1Mb / 34P
Rad-hard 12-bit 50 Msps A/D converter
29-Jul-2011
More results

Similar Description - RHF1201

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC121S101 NSC-ADC121S101_06 Datasheet
727Kb / 17P
Single Channel, 0.5 to Msps, 12-Bit A/D Converter
logo
STMicroelectronics
RHF1401 STMICROELECTRONICS-RHF1401 Datasheet
453Kb / 29P
Rad-hard 14-bit 20Msps 85mW A/D converter
29-Oct-2007
logo
National Semiconductor ...
ADC128S102QML NSC-ADC128S102QML Datasheet
526Kb / 22P
8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
STMicroelectronics
RHF1201 STMICROELECTRONICS-RHF1201_11 Datasheet
1Mb / 34P
Rad-hard 12-bit 50 Msps A/D converter
29-Jul-2011
RHF1401 STMICROELECTRONICS-RHF1401_12 Datasheet
3Mb / 42P
Rad-hard 14-bit 30 Msps A/D converter
24-Oct-2012
logo
Texas Instruments
ADC121S101 TI-ADC121S101 Datasheet
1Mb / 23P
Single Channel, 0.5 to 1 Msps, 12-Bit A/D Converter
ADC128S102QML-SP TI1-ADC128S102QML-SP Datasheet
773Kb / 31P
8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
Analog Devices
AD1672 AD-AD1672_17 Datasheet
96Kb / 7P
12-BIT, 3 MSPS, A TO D CONVERTER
logo
STMicroelectronics
LEOAD128 STMICROELECTRONICS-LEOAD128 Datasheet
589Kb / 20P
Rad-hard plastic 8-channel, 1 Msps 12-bit ADC
16-Sep-2021
logo
Rohm
BD79104MUF-M ROHM-BD79104MUF-M Datasheet
1Mb / 25P
Successive Approximation A/D Converter 12 bit, 0.5 MSPS to 1 MSPS, 8-channel, SPI Interface
12.Jan.2023 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com