Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHF1201 Datasheet(PDF) 5 Page - STMicroelectronics

Part # RHF1201
Description  Rad-hard 12-bit 0.5 to 50 Msps A/D converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF1201 Datasheet(HTML) 5 Page - STMicroelectronics

  RHF1201 Datasheet HTML 1Page - STMicroelectronics RHF1201 Datasheet HTML 2Page - STMicroelectronics RHF1201 Datasheet HTML 3Page - STMicroelectronics RHF1201 Datasheet HTML 4Page - STMicroelectronics RHF1201 Datasheet HTML 5Page - STMicroelectronics RHF1201 Datasheet HTML 6Page - STMicroelectronics RHF1201 Datasheet HTML 7Page - STMicroelectronics RHF1201 Datasheet HTML 8Page - STMicroelectronics RHF1201 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
RHF1201
Timing characteristics
5/18
4
Timing characteristics
Figure 3.
Timing diagram
Table 2.
Timing table
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
FS
Sampling frequency
0.5
50
MHz
Tck
Sampling clock cycle
20
2000
ns
DC
Clock duty cycle
FS = 45 Msps
45
50
65
%
TC1
Clock pulse width (high)
10
1800
ns
TC2
Clock pulse width (low)
8
1800
ns
Tod
Data output delay (fall of
clock to data valid)
10 pF load capacitance
4
5
6
ns
Tpd
Data pipeline delay
5.5
5.5
5.5
cycles
Tdr
Data ready delay after data
change
0.5
cycles
Ton
Falling edge of OEB to
digital output valid data
13
ns
Toff
Rising edge of OEB to
digital output tri-state
13
ns
TrD
Data rising time
SRC = 0 5 pF load
capacitance
2.8
ns
SRC = 1
5pF load
capacitance
5.7
ns
TfD
Data falling time
SRC = 0
5pF load
capacitance
2ns
SRC = 1
5pF load
capacitance
4.3
ns
N-3
N-2
N-1
N+4
N+5
N
N+3
N+1
N+2
N+6
N-3
N-1
N-4
N-5
N-6
N-7
N-8
N-9
CLK
OEB
DR
Tod
Ton
Toff
Tpd + Tod
HZ state
N
DATA
OUT
Tdr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com