Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHF1201 Datasheet(PDF) 4 Page - STMicroelectronics

Part # RHF1201
Description  Rad-hard 12-bit 0.5 to 50 Msps A/D converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF1201 Datasheet(HTML) 4 Page - STMicroelectronics

  RHF1201 Datasheet HTML 1Page - STMicroelectronics RHF1201 Datasheet HTML 2Page - STMicroelectronics RHF1201 Datasheet HTML 3Page - STMicroelectronics RHF1201 Datasheet HTML 4Page - STMicroelectronics RHF1201 Datasheet HTML 5Page - STMicroelectronics RHF1201 Datasheet HTML 6Page - STMicroelectronics RHF1201 Datasheet HTML 7Page - STMicroelectronics RHF1201 Datasheet HTML 8Page - STMicroelectronics RHF1201 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Pin descriptions
RHF1201
4/18
3
Pin descriptions
Table 1.
Pin descriptions
Pin
Name
Description
Observation
Pin
Name
Description
Observation
1
GNDBI
Digital buffer ground
0 V
25
SRC
Slew rate control input
2.5 V/3.3 V CMOS
input
2
GNDBE
Digital buffer ground
0 V
26
OEB
Output Enable input
2.5 V/3.3 V CMOS
input
3
VCCBE
Digital buffer power
supply
2.5 V/3.3 V
27
DFSB
Data Format Select input
2.5 V/3.3 V CMOS
input
4
NC
Non connected
28
AVCC
Analog power supply
2.5 V
5
NC
Non connected
29
AVCC
Analog power supply
2.5 V
6
OR
Out Of Range output
CMOS output
(2.5 V/3.3 V)
30
AGND
Analog ground
0 V
7
D11(MSB)
Most Significant Bit
output
CMOS output
(2.5 V/3.3 V)
31
IPOL
Analog bias current input
8
D10
Digital output
CMOS output
(2.5 V/3.3 V)
32
VREFP
Top voltage reference
1 V
9
D9
Digital output
CMOS output
(2.5 V/3.3 V)
33
VREFM
Bottom voltage
reference
0V
10
D8
Digital output
CMOS output
(2.5 V/3.3 V)
34
AGND
Analog ground
0 V
11
D7
Digital output
CMOS output
(2.5 V/3.3 V)
35
VIN
Analog input
1 Vpp
12
D6
Digital output
CMOS output
(2.5 V/3.3 V)
36
AGND
Analog ground
0 V
13
D5
Digital output
CMOS output
(2.5 V/3.3 V)
37
VINB
Inverted analog input
1 Vpp
14
D4
Digital output
CMOS output
(2.5 V/3.3 V)
38
AGND
Analog ground
0 V
15
D3
Digital output
CMOS output
(2.5 V/3.3 V)
39
INCM
Input common mode
0.5 V
16
D2
Digital output
CMOS output
(2.5 V/3.3 V)
40
AGND
Analog ground
0 V
17
D1
Digital output
CMOS output
(2.5 V/3.3 V)
41
AVCC
Analog power supply
2.5 V
18
D0(LSB)
Least Significant Bit
output
CMOS output
(2.5 V/3.3 V)
42
AVCC
Analog power supply
2.5 V
19
DR
Data Ready output
CMOS output
(2.5 V/3.3 V)
43
DVCC
Digital power supply
2.5 V
20
NC
Non connected
44
DVCC
Digital power supply
2.5 V
21
NC
Non connected
45
DGND
Digital ground
0 V
22
VCCBE
Digital Buffer power
supply
2.5 V/3.3 V
46
CLK
Clock input
2.5 V compatible
CMOS input
23
GNDBE
Digital Buffer ground
0 V
47
DGND
Digital ground
0 V
24
VCCBI
Digital Buffer power
supply
2.5 V
48
DGND
Digital ground
0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com