Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5509 Datasheet(PDF) 47 Page - Texas Instruments

Part # TMS320VC5509
Description  Fixed-Point Digital Signal Processor
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5509 Datasheet(HTML) 47 Page - Texas Instruments

Back Button TMS320VC5509 Datasheet HTML 43Page - Texas Instruments TMS320VC5509 Datasheet HTML 44Page - Texas Instruments TMS320VC5509 Datasheet HTML 45Page - Texas Instruments TMS320VC5509 Datasheet HTML 46Page - Texas Instruments TMS320VC5509 Datasheet HTML 47Page - Texas Instruments TMS320VC5509 Datasheet HTML 48Page - Texas Instruments TMS320VC5509 Datasheet HTML 49Page - Texas Instruments TMS320VC5509 Datasheet HTML 50Page - Texas Instruments TMS320VC5509 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 124 page
background image
Functional Overview
47
April 2001 − Revised January 2008
SPRS163H
15
14
13
12
11
10
9
8
AIODIR15
(BGA)
AIODIR14
(BGA)
AIODIR13
AIODIR12
AIODIR11
AIODIR10
AIODIR9
AIODIR8
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
76
54
32
10
AIODIR7
AIODIR6
AIODIR5
AIODIR4
AIODIR3
AIODIR2
AIODIR1
AIODIR0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
LEGEND: R = Read, W = Write, n = value after reset
Figure 3−12. Address/GPIO Direction Register (AGPIODIR) Bit Layout
Table 3−12. Address/GPIO Direction Register (AGPIODIR) Bit Functions
BIT
NO.
BIT
NAME
RESET
VALUE
FUNCTION
15−0
AIODIRx
0
Data direction bits that configure the Address Bus configured as I/O pins as either input or output pins.
AIODIR15 and AIODIR14 are only available in BGA package.
AIODIRx = 0
Configure corresponding pin as an input.
AIODIRx = 1
Configure corresponding pin as an output.
15
14
13
12
11
10
9
8
AIOD15 (BGA)
AIOD14 (BGA)
AIOD13
AIOD12
AIOD11
AIOD10
AIOD9
AIOD8
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
76
54
32
10
AIOD7
AIOD6
AIOD5
AIOD4
AIOD3
AIOD2
AIOD1
AIOD0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
LEGEND: R = Read, W = Write, n = value after reset
Figure 3−13. Address/GPIO Data Register (AGPIODATA) Bit Layout
Table 3−13. Address/GPIO Data Register (AGPIODATA) Bit Functions
BIT
NO.
BIT
NAME
RESET
VALUE
FUNCTION
15−0
AIODx
0
Data bits that are used to control the level of the Address Bus configured as I/O output pins, and to monitor
the level of the Address Bus configured as I/O input pins. AIOD15 and AIOD14 are only available in BGA
package.
If AIODIRn = 0, then:
AIODx = 0
Corresponding I/O pin is read as a low.
AIODx = 1
Corresponding I/O pin is read as a high.
If AIODIRn = 1, then:
AIODx = 0
Set corresponding I/O pin to low.
AIODx = 1
Set corresponding I/O pin to high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com