Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5509 Datasheet(PDF) 63 Page - Texas Instruments

Part # TMS320VC5509
Description  Fixed-Point Digital Signal Processor
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5509 Datasheet(HTML) 63 Page - Texas Instruments

Back Button TMS320VC5509 Datasheet HTML 59Page - Texas Instruments TMS320VC5509 Datasheet HTML 60Page - Texas Instruments TMS320VC5509 Datasheet HTML 61Page - Texas Instruments TMS320VC5509 Datasheet HTML 62Page - Texas Instruments TMS320VC5509 Datasheet HTML 63Page - Texas Instruments TMS320VC5509 Datasheet HTML 64Page - Texas Instruments TMS320VC5509 Datasheet HTML 65Page - Texas Instruments TMS320VC5509 Datasheet HTML 66Page - Texas Instruments TMS320VC5509 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 124 page
background image
Functional Overview
63
April 2001 − Revised January 2008
SPRS163H
Table 3−33. USB Module Registers (Continued)
WORD ADDRESS
RESET VALUE†
DESCRIPTION
REGISTER NAME
DMA CONTEXTS (CONTINUED)
0x5848
DMAC_I1
Input Endpoint 1 DMA Context Register
Undefined
0x5850
DMAC_I2
Input Endpoint 2 DMA Context Register
Undefined
0x5858
DMAC_I3
Input Endpoint 3 DMA Context Register
Undefined
0x5860
DMAC_I4
Input Endpoint 4 DMA Context Register
Undefined
0x5868
DMAC_I5
Input Endpoint 5 DMA Context Register
Undefined
0x5870
DMAC_I6
Input Endpoint 6 DMA Context Register
Undefined
0x5878
DMAC_I7
Input Endpoint 7 DMA Context Register
Undefined
DATA BUFFER
0x5880
Data Buffers
Contains X/Y data buffers for endpoints 1 – 7
Undefined
0x6680
OEB_0
Output Endpoint 0 Buffer
Undefined
0x66C0
IEB_0
Input Endpoint 0 Buffer
Undefined
0x6700
SUP_0
Setup Packet for Endpoint 0
Undefined
ENDPOINT DESCRIPTOR BLOCKS
0x6708
OEDB_1
Output Endpoint 1 Descriptor Register Block
Undefined
0x6710
OEDB_2
Output Endpoint 2 Descriptor Register Block
Undefined
0x6718
OEDB_3
Output Endpoint 3 Descriptor Register Block
Undefined
0x6720
OEDB_4
Output Endpoint 4 Descriptor Register Block
Undefined
0x6728
OEDB_5
Output Endpoint 5 Descriptor Register Block
Undefined
0x6730
OEDB_6
Output Endpoint 6 Descriptor Register Block
Undefined
0x6738
OEDB_7
Output Endpoint 7 Descriptor Register Block
Undefined
0x6740
Reserved
0x6748
IEDB_1
Input Endpoint 1 Descriptor Register Block
Undefined
0x6750
IEDB_2
Input Endpoint 2 Descriptor Register Block
Undefined
0x6758
IEDB_3
Input Endpoint 3 Descriptor Register Block
Undefined
0x6760
IEDB_4
Input Endpoint 4 Descriptor Register Block
Undefined
0x6768
IEDB_5
Input Endpoint 5 Descriptor Register Block
Undefined
0x6770
IEDB_6
Input Endpoint 6 Descriptor Register Block
Undefined
0x6778
IEDB_7
Input Endpoint 7 Descriptor Register Block
Undefined
CONTROL AND STATUS REGISTERS
0x6780
IEPCNF_0
Input Endpoint 0 Configuration
xxxx xxxx 0000 0000
0x6781
IEPBCNT_0
Input Endpoint 0 Byte Count
xxxx xxxx 1000 0000
0x6782
OEPCNF_0
Output Endpoint 0 Configuration
xxxx xxxx 0000 0000
0x6783
OEPBCNT_0
Output Endpoint 0 Byte Count
xxxx xxxx 0000 0000
0x6784 − 0x6790
Reserved
0x6791
GLOBCTL
Global Control Register
xxxx xxxx 0000 0000
0x6792
VECINT
Vector Interrupt Register
xxxx xxxx 0000 0000
0x6793
IEPINT
Input Endpoint Interrupt Register
xxxx xxxx 0000 0000
0x6794
OEPINT
Output Endpoint Interrupt Register
xxxx xxxx 0000 0000
0x6795
IDMARINT
Input DMA Reload Interrupt Register
xxxx xxxx 0000 0000
0x6796
ODMARINT
Output DMA Reload Interrupt Register
xxxx xxxx 0000 0000
† Hardware reset; x denotes a “don’t care.”
NOTE: The USB module must be brought out of reset by setting bit 2 of the USB Idle Control and Status Register before any USB module register
read or write attempt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com