| Electronic Components Datasheet Search |
|
TMS320VC5509 Datasheet(PDF) 20 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320VC5509 Datasheet(HTML) 20 Page - Texas Instruments |
|
20 / 124 page ![]() Introduction 20 April 2001 − Revised January 2008 SPRS163H Table 2−3. Signal Descriptions (Continued) TERMINAL NAME RESET CONDITION BK‡ FUNCTION I/O/Z† MULTIPLEXED SIGNAL NAME PARALLEL BUS (CONTINUED) C4 I/O/Z EMIF chip select for memory space CE0 or general-purpose IO9. This pin serves in one of two functions: EMIF chip select for memory space CE0 (EMIF.CE0) or general-purpose IO9 (GPIO9). The initial state of this pin depends on the GPIO0 pin. See Section 3.5.1 for more information. GPIO0 = 1: Output, EMIF.CE0 EMIF.CE0 O/Z Active-low EMIF chip select for memory space CE0. EMIF.CE0 is selected when the Parallel Port Mode bit field of the External Bus Selection Register is set to 00 or 01. BK EMIF.CE0 GPIO0 = 0: Input, GPIO9 I/O/Z General-purpose IO9. GPIO9 is selected when the Parallel Port Mode bit field of the External Bus Selection Register is set to 10 or 11. Input, GPIO9 C5 I/O/Z EMIF chip select for memory space CE1 or general-purpose IO10. This pin serves in one of two functions: EMIF chip-select for memory space CE1 (EMIF.CE1) or general-purpose IO10 (GPIO10). The initial state of this pin depends on the GPIO0 pin. See Section 3.5.1 for more information. GPIO0 = 1: Output, EMIF.CE1 EMIF.CE1 O/Z Active-low EMIF chip select for memory space CE1. EMIF.CE1 is selected when the Parallel Port Mode bit field of the External Bus Selection Register is set to 00 or 01. BK EMIF.CE1 GPIO0 = 0: Input, GPIO10 I/O/Z General-purpose IO10. GPIO10 is selected when the Parallel Port Mode bit field of the External Bus Selection Register is set to 10 or 11. Input, GPIO10 C6 I/O/Z EMIF chip select for memory space CE2 or HPI control input 0. This pin serves in one of two functions: EMIF chip-select for memory space CE2 (EMIF.CE2) or HPI control input 0 (HPI.HCNTL0). The initial state of this pin depends on the GPIO0 pin. See Section 3.5.1 for more information. GPIO0 = 1: Output, EMIF.CE2 O/Z Active-low EMIF chip select for memory space CE2. EMIF.CE2 is selected when the Parallel Port Mode bit field of the External Bus Selection Register is set to 00 or 01. BK Output, EMIF.CE2 GPIO0 = 0: HPI.HCNTL0 I HPI control input 0. This pin, in conjunction with HPI.HCNTL1, selects a host access to one of the three HPI registers. HPI.HCNTL0 is selected when the Parallel Port Mode bit field of the External Bus Selection Register is set to 10 or 11. GPIO0 = 0: Input, HPI.HCNTL0 C7 I/O/Z EMIF chip select for memory space CE3, general-purpose IO11, or HPI control input 1. This pin serves in one of three functions: EMIF chip-select for memory space CE3 (EMIF.CE3), general-purpose IO11 (GPIO11), or HPI control input 1 (HPI.HCNTL1). The initial state of this pin depends on the GPIO0 pin. See Section 3.5.1 for more information. GPIO0 = 1: Output, EMIF.CE3 O/Z Active-low EMIF chip select for memory space CE3. EMIF.CE3 is selected when the Parallel Port Mode bit field is of the External Bus Selection Register set to 00 or 01. BK Output, EMIF.CE3 GPIO0 = 0: GPIO11 I/O/Z General-purpose IO11. GPIO11 is selected when the Parallel Port Mode bit field is set to 10. GPIO0 = 0: Input, HPI.HCNTL1 HPI.HCNTL1 I HPI control input 1. This pin, in conjunction with HPI.HCNTL0, selects a host access to one of the three HPI registers. The HPI.HCNTL1 mode is selected when the Parallel Port Mode bit field is set to 11. HPI.HCNTL1 † I = Input, O = Output, S = Supply, Hi-Z = High-impedance ‡ BK = bus keeper (the bus keeper maintains the previous voltage level during reset or while the output pin is not driven), PU = pullup, PD = pulldown, H = hysteresis input buffer |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |