Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7538 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST7538
Description  POWER LINE FSK TRANSCEIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7538 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST7538 Datasheet HTML 8Page - STMicroelectronics ST7538 Datasheet HTML 9Page - STMicroelectronics ST7538 Datasheet HTML 10Page - STMicroelectronics ST7538 Datasheet HTML 11Page - STMicroelectronics ST7538 Datasheet HTML 12Page - STMicroelectronics ST7538 Datasheet HTML 13Page - STMicroelectronics ST7538 Datasheet HTML 14Page - STMicroelectronics ST7538 Datasheet HTML 15Page - STMicroelectronics ST7538 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
ST7538
12/30
– Synchronous mode.
St7538 allows to interface the host Controller using a four lines synchronous interface (RXD,TXD, CLR/T
& RxTx). ST7538 is always the master of the communication and provides the clock reference on CLR/T
line.
When ST7538 is in receiving mode an internal PLL recovers the clock reference. Data on RxD line are
stable on CLR/T rising Edge.
When ST7538 is in transmitting mode the clock reference is internally generated and data are read on TxD
line on CLR/T rising Edge.
If RxTx line is set to “1” & REG_DATA=”0” (Data Reception), ST7538 enters in an Idle State and CLR/T
line is forced Low. After Tcc time the modem starts providing received data on RxD line.
If RxTx line is set to “0” & REG_DATA=”0” (Data Transmission), ST7538 d in an Idle State and transmission
circuitry is switched on. (figure 3). After Tcc time the modem starts transmitting data present on TXD line
(figure 3) .
Figure 2.
Figure 3. Data Reception -> Data Transmission -> Data reception
PACKET MODE (Only for Reception)
In Packet mode data transmission from ST7538 to Host Controller is done at a higher speed than the
Mains one. This function could reduce the efficiency of data exchange process because the Host Control-
ler is involved in data reception for a shorter period of time.
To achieve this function is enabled an internal auxiliary buffer which stores the incoming bits. The buffer
is transferred to the host controller when full at the packet rate. The packet rate is programmable and is
related to the Mclk clock frequency. The length of the packet can be also programmed through the control
register (see table 9) to be 16, 14, 9 or 8 bits.
The packet mode to start working needs two levels of enable. One at the control register level the other at
the pin level. TxD is the pin that if forced High enables the Packet Mode Function. According to when TxD
is forced high, the next incoming bit is stored inside the internal buffer or delivered on RxD pin. If TxD pin
is forced low during a RX session the transceiver starts working in bit mode and the content of the packet
buffer is deleted.
Transmitting Bit Synchronization
CLR/T
RxD
CLR/T
TxD
Receiving Bit Synchronization
TS
TH
D03IN1416
TCC
TDS
TCR
TCR
TDH
TS
TH
TB
TCC
CLR_T
RXD
RxTx
TXD
REG_DATA
D03IN1402
BIT23
BIT22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com