Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7538 Datasheet(PDF) 23 Page - STMicroelectronics

Part # ST7538
Description  POWER LINE FSK TRANSCEIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7538 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST7538 Datasheet HTML 19Page - STMicroelectronics ST7538 Datasheet HTML 20Page - STMicroelectronics ST7538 Datasheet HTML 21Page - STMicroelectronics ST7538 Datasheet HTML 22Page - STMicroelectronics ST7538 Datasheet HTML 23Page - STMicroelectronics ST7538 Datasheet HTML 24Page - STMicroelectronics ST7538 Datasheet HTML 25Page - STMicroelectronics ST7538 Datasheet HTML 26Page - STMicroelectronics ST7538 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
23/30
ST7538
Function
Value
Selection
Note
Default
Bit 13
Bit 12
12 to 13
Detection
Method
Carrier detection
without conditioning
0
0
Carrier Detection
Notification on CD_PD Line
CLR/T and RxD signal
always Present
Preamble
detection
without
conditioning
Carrier detection
with conditioning
0
1
CLR/T and RxD lines are
forced to “0” when Carrier
is not detected
Preamble detection
without conditioning
1
0
Preamble Detection
Notification on CD_PD Line
CLR/T and RxD signal
always Present
Preamble detection
with conditioning
1
1
Preamble Detection
Notification on CD_PD Line
CLR/T and RxD lines are
forced to “0” when
Preamble has not been
detected or PLL is in
Unlock condition
Bit 14
14
Mains
Interfacing
Mode
Synchronous
Asynchronous
0
1
Asynchronous
Bit 16
Bit 15
15 to 16
Output Clock
16 MHz
8 MHz
4 MHz
Not Used
0
0
1
1
0
1
0
1
4 MHz
Bit 18
Bit 17
17 to 18
Packet Mode
Baud Rate
Mclk/32
Mclk/64
Mclk/128
Mclk/256
0
0
1
1
0
1
0
1
MLCK/64
Bit 20
Bit 19
19 to 20
Packet Length
8 Bit
9 Bit
14 Bit
16 Bit
0
0
1
1
0
1
0
1
14 bits
Bit 21
21
Packet Mode
Enable
Disabled
Enabled
0
1
Disabled
Bit 22
22
Sensitivity
Mode
Normal Sensitivity
High Sensitivity
0
1
Normal
Bit 23
23
Input Filter
Disabled
Enabled
0
1
Disabled
Table 6. Control Register Functions (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com