Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7538 Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST7538
Description  POWER LINE FSK TRANSCEIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7538 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST7538 Datasheet HTML 12Page - STMicroelectronics ST7538 Datasheet HTML 13Page - STMicroelectronics ST7538 Datasheet HTML 14Page - STMicroelectronics ST7538 Datasheet HTML 15Page - STMicroelectronics ST7538 Datasheet HTML 16Page - STMicroelectronics ST7538 Datasheet HTML 17Page - STMicroelectronics ST7538 Datasheet HTML 18Page - STMicroelectronics ST7538 Datasheet HTML 19Page - STMicroelectronics ST7538 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
ST7538
16/30
s
Carrier/Preamble Detection
The Carrier/Preamble Block is a digital Frequency detector Circuit.
It can be used to manage the MAINS access and to detect an incoming signal.
Two are the possible setting:
- Carrier Detection
- Preamble Detection
CARRIER DETECTION: The Carrier/Preamble detection Block notifies to the host controller the
presence of a Carrier when it detects on the RAI Input a signal with an harmonic component close to
the programmed Carrier Frequency. The CD_PD signal sensitivity is identical to the data reception
sensitivity (1mVrms Typ. in Normal Sensitivity Mode).
The CD_PD line is forced to a logic level low when a Carrier is detected.
PREAMBLE DETECTION: The Carrier/Preamble detection Block notifies to the host controller the
presence of a Carrier modulated at the Programmed Baud Rate for at least 4 Consecutive Symbols
(“1010” or “0101” are the symbols sequences detected).
CD_PD line is forced low till a Carrier signal is detected and PLL is in the lock-in range.
To reinforce the effectiveness of the information given by CD_PD Block, a digital filtering is applied on
Carrier or Preamble notification signal (See Control Register Paragraph). The Detection Time Bits in the
Control Register define the filter performance. Increasing the Detection Time reduced the false
notifications caused by noise on main line. The Digital filter adds a delay to CD_PD notification equal to
the programmed Detection Time. When the carrier frequency disappears, CD_PD line is held low for a
period equal to the detection time and then forced high.
Figure 10. CD_PD Timing during RX
Figure 11. Receiving Path Block Diagram
TDCD
TCD
CD_PD
RAI
D03IN1418
Low Pass
Band Pass
PRE-FILTER
IF FILTER
FSK
DEMODULAOR
DIGITAL
FILTER
MIXER
CARRIER/
PREAMBLE
DETECTION
AGC
GAIN
CONTROL
LOCAL
OSC
32
31
Bit 23
Bit 0 -2
Bit 3,4 &14-21
Bit 0-2
RAI
RXFO
Bit 9 & 10
Bit 12 & 13
Carrier Detection
3
RxD
8
CLR/T
1
CD_PD
9
BU
PLL
Bit 3,4
Low Pass
BAND
IN
USE
Bit 3,4
Band Pass
CHANNEL
FILTER
Band Pass
D03IN1419



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com