Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7538 Datasheet(PDF) 25 Page - STMicroelectronics

Part # ST7538
Description  POWER LINE FSK TRANSCEIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7538 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ST7538 Datasheet HTML 21Page - STMicroelectronics ST7538 Datasheet HTML 22Page - STMicroelectronics ST7538 Datasheet HTML 23Page - STMicroelectronics ST7538 Datasheet HTML 24Page - STMicroelectronics ST7538 Datasheet HTML 25Page - STMicroelectronics ST7538 Datasheet HTML 26Page - STMicroelectronics ST7538 Datasheet HTML 27Page - STMicroelectronics ST7538 Datasheet HTML 28Page - STMicroelectronics ST7538 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
25/30
ST7538
Zero Crossing Detection
The Mains Voltage Zero Crossing can be detected, through a proper connection of ZCIN to the Mains.
ZCIN comparator has a threshold fixed at SGND. ZCOUT is a TTL Output forced High after a positive
zero-crossing transition, and low after a negative one.
Setting the Bit 11 inside the Control Register to “1” the transmission is automatically synchronized to the
mains positive zero-crossing transition. This function is achieved turning on the PLI when RX/TX is low
and delaying the CLR/T first transition until the first zero-crossing event. The automatic synchronization
procedure can work only if the synchronous interface is programmed. If asynchronous interface is in use
the Zero Crossing synchronization can be achieved managing the ZCOUT line.
Figure 19. Synchronous Zero-Crossing Transmission
Output Clock
MCLK is the master clock output. The clock frequency sourced can be programed through the control reg-
ister to be a ratio of the crystal oscillator frequency (Fosc, Fosc/2 Fosc/4). The transition between one fre-
quency and another is done only at the end of the ongoing cycle.
Reg OK
REGOK allows to detect an undesired modification of the control register content. REGOK function is dis-
abled during a control register writing session.
Under Voltage Lock Out
The UVLO function turns off the device if the PAVdd voltage falls under 4V. Hysteresis is 340mV typically.
Thermal Shutdown
The ST7538 is provided of a thermal protection which turn off the PLI when the junction temperature ex-
ceeds 170°C ±10% . Hysteresis is around 30°C.
When shutdown threshold is overcome, PLI interface is switched OFF.
Thermal Shutdown event is notified to the HOST controller using TIMEOUT line. When TIMEOUT line is
High, ST7538 junction temperature exceed the shutdown threshold (Not Lached).
5V Voltage Regulator and Power Good Function
ST7538 has an embedded 5V linear regulator externally available to supply the application circuitry.
The linear regulator has a very low quiescent current (50
µA) and a current capability of 100mA. The reg-
ulator is protected against short circuitry events.
When the regulator Voltage is above the power good threshold (VPG), Power Good line is forced high,
while is forced low at startup and when VDC falls below VPG - VPGHYS Voltage.
t
ZCIN
RxTx
CLR/T
TxD
ZCOUT
ZCDEL
D03IN1423



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com