Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7538 Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST7538
Description  POWER LINE FSK TRANSCEIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7538 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST7538 Datasheet HTML 13Page - STMicroelectronics ST7538 Datasheet HTML 14Page - STMicroelectronics ST7538 Datasheet HTML 15Page - STMicroelectronics ST7538 Datasheet HTML 16Page - STMicroelectronics ST7538 Datasheet HTML 17Page - STMicroelectronics ST7538 Datasheet HTML 18Page - STMicroelectronics ST7538 Datasheet HTML 19Page - STMicroelectronics ST7538 Datasheet HTML 20Page - STMicroelectronics ST7538 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
17/30
ST7538
Transmission Mode
The transmit mode is set when RxTx Pin =”0” and REG_DATA Pin =”0”. In transmitting mode the FSK Mod-
ulator and the Power Line Interface are turned ON. The transmit Data (TXD) enter synchronously or asyn-
chronously to the FSK modulator.
– Host Controller Synchronous Communication Mode: on CLR/T rising edge, TXD Line Value is read and
sent to the FSK Modulator. ST7538 Manage the Transmission timing according to the BaudRate Se-
lected
– Host Controller Asynchronous Communication Mode: TXD data enter directly to the FSK Modulator.The
Host Controller Manages the Transmission timing
In both conditions no Protocol Bits are added by ST7538.
The FSK frequencies are synthesized in the FSK modulator from a 16 MHz crystal oscillator by direct dig-
ital synthesis technique. The frequencies Table in different Configuration is reported in Table 3. The fre-
quencies precision is same as external crystal one’s.
In the analog domain, the signal is filtered in order to reduce the output signal spectrum and to reduce the
harmonic distortion. The transition between a symbol and the following is done at the end of the on-going
half FSK sinewave cycle.
Figure 12.
TRANSMISSION
FILTER
FSK
MODULATOR
D-TYPE
FLIP
FLOP
DAC
21
19
8
5
24
7
TIMER
THERMAL
SENSOR
VOLTAGE
LOOP
CURRENT
LOOP
CLR/T GENERATOR
ZERO CROSSING
23
29
Vsense
CL
ATOP2
ATOP1
ATO
CLR/T
TxD
TOUT
16
15
ZCIN
ZCOUT
Bit 14
Bit 0-5
Bit 0-2
Bit 7 & 8
Band Pass
PLI
ALC
PLI
PLI
D03IN1420



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com