Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMS132AW Datasheet(PDF) 7 Page - Emerging Memory & Logic Solutions Inc

Part # RMS132AW
Description  512K x 32Bits x 2Banks Low Power Synchronous DRAM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

RMS132AW Datasheet(HTML) 7 Page - Emerging Memory & Logic Solutions Inc

Back Button RMS132AW Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Advance Information
The specifications of this device are subject to change without notice. For latest documentation see http://www.emlsi.com.
7
RMS132AW
1
PASR
Figure5: Extended Mode Register
Address Bus
Extended Mode Register (Ex)
0
1
2
3
4
5
6
10
987
11
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
BA
Reserved
0
0
1
Half of One Bank (BA=0, Row Address MSB=0)
1
0
1
Reserved
1
1
0
Quarter of One Bank (BA=0, Row Address 2 MSB=0)
0
1
1
One Bank (BA=0)
1
0
0
Reserved
0
1
0
Reserved
1
1
1
All Banks
0
0
0
Self Refresh Coverage
E0
E1
E2
Note: E11(BA) must be set to “1” to select Extend Mode Register (vs. the base Mode Register)
1/2 Strength
1
0
1/4 Strength
0
1
Reserved
1
1
Full Strength
0
0
Driver Strength
E5
E6
0
00
0
DS
TCSR
70°
1
0
45°
0
1
Auto
1
1
85°
0
0
Maximum Case
Temp.
E3
E4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com