Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMS132AW Datasheet(PDF) 20 Page - Emerging Memory & Logic Solutions Inc

Part # RMS132AW
Description  512K x 32Bits x 2Banks Low Power Synchronous DRAM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

RMS132AW Datasheet(HTML) 20 Page - Emerging Memory & Logic Solutions Inc

Back Button RMS132AW Datasheet HTML 16Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 17Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 18Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 19Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 20Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 21Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 22Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 23Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 24Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Advance Information
The specifications of this device are subject to change without notice. For latest documentation see http://www.emlsi.com.
20
RMS132AW
Table11: AC Operating Condition (TA= -25 ~ 85 °C, VDD = 3.0V or 3.3V ± 0.3V, VSS=0V)
V
0.5 x VDDQ
V
TRIP
Input Timing Measurement Reference Level Voltage
ns
1 / 1
t
R / tF
Input Rise / Fall Time
V
0.5 x VDDQ
V
OUTREF
Output Timing Measurement Reference Level Voltage
pF
30
C
L
Output Load Capacitance for Access Time Measurement
V
Unit
2.4 / 0.4
Typ
V
IH / VIL
AC Input High/Low Level Voltage
Symbol
Parameter
Output
870
Ω
1200
Ω
VDDQ
30pF
Output
30pF
50
Ω
VTT=0.5 x VDDQ
Z0=50
Ω
DC Output Load Circuit
AC Output Load Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com