Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMS132AW Datasheet(PDF) 19 Page - Emerging Memory & Logic Solutions Inc

Part # RMS132AW
Description  512K x 32Bits x 2Banks Low Power Synchronous DRAM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

RMS132AW Datasheet(HTML) 19 Page - Emerging Memory & Logic Solutions Inc

Back Button RMS132AW Datasheet HTML 15Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 16Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 17Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 18Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 19Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 20Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 21Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 22Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 23Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
Advance Information
The specifications of this device are subject to change without notice. For latest documentation see http://www.emlsi.com.
19
RMS132AW
Table8: Absolute Maximum Rating
0 ~ 70
Ambient Temperature (Commercial)
1
50
-1.0 ~ 4.6
-1.0 ~ 4.6
-55 ~ 150
-25 ~ 85
Rating
W
P
D
Power Dissipation
mA
I
OS
Short Circuit Output Current
V
VDD, VDDQ
Voltage on VDD relative to VSS
V
V
IN, VOUT
Voltage on Any Pin relative to VSS
°C
T
STG
Storage Temperature
°C
T
A
Ambient Temperature (Industrial)
Unit
Symbol
Parameter
Note :
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only, and functional operation of the device at these or any other conditions above those indicated in the operational sections of
this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Table9: Capacitance (TA=25 °C, f=1MHz, VDD=3.0V or 3.3V)
DQ0~DQ31
A0~A10, BA, CKE, /CS, /RAS, /CAS,
/WE, DQM0~DQM3
CLK
Pin
3
2
2
Min
5
4
4
Max
pF
C
IO
Data Input/Output Capacitance
pF
C
I2
pF
C
I1
Input Capacitance
Unit
Symbol
Parameter
Table10: DC Operating Condition (Voltage referenced to VSS=0V, TA= -25 ~ 85 °C)
V
3.6
3.0
2.7
VDD
I
OL= +0.1mA
V
0.4
-
-
V
OL
Output Low Voltage
4
uA
1
-
-1
I
LI
Input Leakage Current
2
V
VDDQ+0.3
-
2.2
V
IH
Input High Voltage
3
V
0.5
0
-0.3
V
IL
Input Low Voltage
I
OH= -0.1mA
V
-
-
2.4
V
OH
Output High Voltage
uA
V
Unit
3.0
Typ
-1.5
2.7
Min
1.5
3.6
Max
5
I
LO
Output Leakage Current
1
VDDQ
Power Supply Voltage
Note
Symbol
Parameter
Note :
1. VDDQ must not exceed the level of VDD
2. VIH(max) = 5.3V AC. The overshoot voltage duration is
≤ 3ns.
3. VIL(min) = -2.0V AC. The overshoot voltage duration is
≤ 3ns.
4. Any input 0V
≤ VIN ≤ VDDQ.
Input leakage currents include Hi-Z output leakage for all bi-directional buffers with tri-state outputs.
5. DOUT is disabled, 0V
≤ VOUT ≤ VDDQ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com