Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMS132AW Datasheet(PDF) 26 Page - Emerging Memory & Logic Solutions Inc

Part # RMS132AW
Description  512K x 32Bits x 2Banks Low Power Synchronous DRAM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

RMS132AW Datasheet(HTML) 26 Page - Emerging Memory & Logic Solutions Inc

Back Button RMS132AW Datasheet HTML 18Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 19Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 20Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 21Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 22Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 23Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 24Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 25Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 26Page - Emerging Memory & Logic Solutions Inc  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
Advance Information
The specifications of this device are subject to change without notice. For latest documentation see http://www.emlsi.com.
26
RMS132AW
Ordering Information
Revision History
Initial ADVANCE Release
January 12th, 2006
A
Change Description
Date
Revision
R M XX XXXX X X X X XX–XX X
MEMORY
PRODUCT FAMILY
S: SDRAM
CONFIGURATION / DENSITY
132 : 1Mx32, 32M bits
F: FBGA
W : Wafer
PACKAGE TYPE
SPEED
6: 6ns
75 : 7.5ns
10 : 10ns
VERSION
A : 1st Ver.
MODE
BLANK : DRAM
EMLSI
BLANK : VDD=3.3V & VDDQ=3.3V
POWER SUPPLY
TEMP
E : Extended (-25’C ~ +85’C)
Blank : Normal
PACKAGE MATERIAL
© 2004 EMLSI All rights reserved.
EMLSI reserves the right to change or modify the information contained in this data sheet and the products
described therein, without prior notice. EMLSI does not convey any license under its patent rights nor the rights of others. Charts,
drawings and schedules contained in this data sheet are provided for illustration purposes only and they vary depending upon specific
applications.
EMLSI makes no warranty or guarantee regarding suitability of these products for any particular purpose, nor does EMLSI assume
any liability arising out of the application or use of any product or circuit described herein. EMLSI does not authorize use of its products
as critical components in any application in which the failure of the EMLSI product may be expected to result in significant injury or death,
including life support systems and critical medical instrument.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com